Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECSTA1V1308-1100-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # ECSTA1V1308-1100-R
Description  Automotive grade SMT current sense transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ECSTA1V1308-1100-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  ECSTA1V1308-1100-R Datasheet HTML 1Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 2Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 3Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 4Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1192
Effective June 2022
Product features
•
AEC-Q200 qualified
•
EE8.3 SMT package
(13 mm x 11 mm x 7.8 mm)
•
Very low DC resistance
•
Wide selection of turns ratios
•
Sensed current – primary rated for 15 A
•
Frequency range: 50 kHz to 1 MHz
•
Moisture sensitivity level (MSL): 1
Applications
•
Motor drive
•
On-board chargers
•
DC/DC converters
•
Wireless chargers
•
Battery management systems (BMS)
•
EV charging
•
Feedback control
•
Overload sensing
Environmental compliance and general
specifications
•
Storage temperature (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
Pb
ECSTA1V1308
Automotive grade SMT current sense transformer
HALOGEN
HF
FREE


Similar Part No. - ECSTA1V1308-1100-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ECSTA1V0504 EATON-ECSTA1V0504 Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0504-1020-R EATON-ECSTA1V0504-1020-R Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0504-1030-R EATON-ECSTA1V0504-1030-R Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0504-1040-R EATON-ECSTA1V0504-1040-R Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0504-1050-R EATON-ECSTA1V0504-1050-R Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
More results

Similar Description - ECSTA1V1308-1100-R

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CT01 ICE-CT01_08 Datasheet
215Kb / 1P
SMT Current Sense Transformer
CT03 ICE-CT03_08 Datasheet
254Kb / 1P
SMT Current Sense Transformer
logo
Pulse A Technitrol Comp...
PA1005.020QNL PULSE-PA1005.020QNL Datasheet
298Kb / 2P
SMT Current Sense Transformer
M1300 PULSE-M1300 Datasheet
123Kb / 2P
SMT CURRENT SENSE TRANSFORMER
M1807 PULSE-M1807 Datasheet
127Kb / 2P
SMT CURRENT SENSE TRANSFORMER
PA1005QNL PULSE-PA1005QNL Datasheet
385Kb / 2P
SMT Current Sense Transformer
PH9500.XXXNL PULSE-PH9500.XXXNL Datasheet
343Kb / 2P
SMT Current Sense Transformer
logo
Eaton All Rights Reserv...
ECST1V0504 EATON-ECST1V0504 Datasheet
827Kb / 5P
SMT current sense transformer
April 2022
ECSTA1V0504 EATON-ECSTA1V0504 Datasheet
813Kb / 5P
Automotive grade SMT current sense transformer
June 2022
ECSTA1V0805 EATON-ECSTA1V0805 Datasheet
970Kb / 5P
Automotive grade SMT current sense transformer
June 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com