Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECSTA1V1308-1100-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # ECSTA1V1308-1100-R
Description  Automotive grade SMT current sense transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ECSTA1V1308-1100-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  ECSTA1V1308-1100-R Datasheet HTML 1Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 2Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 3Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 4Page - Eaton All Rights Reserved. ECSTA1V1308-1100-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data ELX1192
Effective June 2022
ECSTA1V1308
Automotive grade SMT current sense transformer
www.eaton.com/electronics
Packaging information (mm)
Supplied in tape and reel packaging, 13” diameter reel (EIA-481 compliant)
350 parts per reel
Dimension
Value
A
330 ±3.0
B
2.6 ±0.3
N
100 ±1.0
C
13+0.5/-0.2
D
21.5 ±0.5
W1
16.4+2.0/-0.0
W2
30.4 max
W3
na
Dimension
Value
W
24.0 ±0.3
P1
20.0 ±0.1
E1
1.75 ±0.1
F
11.5 ±0.05
P2
2.0 ±0.05
D0
1.5 +0.1/-0
D1
1.5 +0.1/-0
B0
11.7 ±0.1
A0
13.3 ±0.1
K0
8.2 ±0.1
P0
4.0 ±0.1
T
0.40 ±0.05



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com