Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1894-33 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS1894-33
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-33 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS1894-33 Datasheet HTML 9Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 10Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 11Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 12Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 13Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 14Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 15Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 16Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
ICS1894-33
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
13
ICS1894-33
REV A 021612
Pins for Monitoring the Data Link table
Note:
1. During either power-on reset or hardware reset, each
multi-function configuration pin is an input that is sampled
when the ICS1894-33 exits the reset state. After sampling is
complete, these pins are output pins that can drive status
LEDs.
2. A software reset does not affect the state of a
multi-function configuration pin. During a software reset, all
multi-function configuration pins are outputs.
3. Each multi-function configuration pin must be pulled
either up or down with a resistor to establish the address of
the ICS1894-33. LEDs may be placed in series with these
resistors to provide a designated status indicator as
described in the Pins for Monitoring the Data Link table. Use
1K
Ω resistors.
Caution: Pins listed in the Pins for Monitoring the Data Link
table must not float.
4. As outputs, the asserted state of a multi-function
configuration pin is the inverse of the sense sampled during
reset. This inversion provides a signal that can illuminate an
LED during an asserted state. For example, if a
multi-function configuration pin is pulled down to ground
through an LED and a current-limiting resistor, then the
sampled sense of the input is low. To illuminate this LED for
the asserted state, the output is driven high.
5. Adding 10K
Ωresistors across the LEDs ensures the PHY
address is fully defined during slow VDD power-ramp
conditions.
6. PHY address 00 tri-states the RMII interface. (Do not
select PHY address 00 unless you want the RMII interface
tri-stated.)
The following figure shows typical biasing and LED connections for the ICS1894-33.
The above circuit decodes the PHY address = 1
Pin
Status Events that drive the LEDs
P0/LED0
Link, Activity, Tx, Rx, Mode, Dplx
P1/ISO/LED1
Link, Activity, Tx, Rx, Mode, Dplx
ICS1894-33
32
31
P1/ISO/LED1
P0/LED0
LED0
1K
Ω
10K
Ω
VDD
LED1
1K
Ω
10K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com