Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS1894-33 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS1894-33
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1894-33 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS1894-33 Datasheet HTML 1Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 2Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 3Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 4Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 5Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 6Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 7Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 8Page - Renesas Technology Corp ICS1894-33 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ICS1894-33
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
2
ICS1894-33
REV A 021612
Block Diagram
Pin Assignment
Clock
Power
LEDs and PHY
Address
Twisted-
Pair
Interface to
Magnetics
Modules and
RJ45
Connector
Integrated
Switch
MII
Extended
Register
Set
Interface
MUX
PCS
•
Framer
•
Parallel to Serial
•4B/5B
Auto-
Negotiation
10Base-T
100Base-T
TP_PMD
•MLT-3
•
Stream Cipher
•
Adaptive Equalizer
•
Baseline Wander
Correction
PMA
•
Clock Recovery
•
Link Monitor
•
Signal Detection
•
Error Detection
Low-Jitter
Clock
Synthesizer
Configuration
and Status
10/100 RMII
MAC
Interface
MII
Management
Interface
Smart Power
Control
Block
32-pin 5mm x 5mm QFN
1
TP_AP
TP_BN
NOD/RXER
ANSEL
RMII/RXDV
FDPX/RXD0
VDD
9
17
25
VDD
TP_AN
TP_BP
VSS
SPEED
TXD0
TCSR
TXEN
NLG32 With Ground
Connecting to Thermal Pad
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com