Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS932S805C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ICS932S805C
Description  K8 Clock Chip for Serverworks HT2100 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S805C Datasheet(HTML) 3 Page - Renesas Technology Corp

  ICS932S805C Datasheet HTML 1Page - Renesas Technology Corp ICS932S805C Datasheet HTML 2Page - Renesas Technology Corp ICS932S805C Datasheet HTML 3Page - Renesas Technology Corp ICS932S805C Datasheet HTML 4Page - Renesas Technology Corp ICS932S805C Datasheet HTML 5Page - Renesas Technology Corp ICS932S805C Datasheet HTML 6Page - Renesas Technology Corp ICS932S805C Datasheet HTML 7Page - Renesas Technology Corp ICS932S805C Datasheet HTML 8Page - Renesas Technology Corp ICS932S805C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
3
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
PIN #
PIN NAME
TYPE
DESCRIPTION
33
SRCCLKC3
OUT
Complement clock of differential SRC clock pair.
34
SRCCLKT3
OUT
True clock of differential SRC clock pair.
35
SRCCLKC4
OUT
Complement clock of differential SRC clock pair.
36
SRCCLKT4
OUT
True clock of differential SRC clock pair.
37
SRCCLKC5
OUT
Complement clock of differential SRC clock pair.
38
SRCCLKT5
OUT
True clock of differential SRC clock pair.
39
VDDSRC
PWR
Supply for SRC clocks, 3.3V nominal
40
GND
PWR
Ground pin.
41
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
42
CPUCLK8C0
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
43
CPUCLK8T0
OUT
True clock of differential 0.8V push-pull K8 pair.
44
CPUCLK8C1
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
45
CPUCLK8T1
OUT
True clock of differential 0.8V push-pull K8 pair.
46
CPUCLK8C2
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
47
CPUCLK8T2
OUT
True clock of differential 0.8V push-pull K8 pair.
48
GND
PWR
Ground pin.
49
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
50
CPUCLK8C3
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
51
CPUCLK8T3
OUT
True clock of differential 0.8V push-pull K8 pair.
52
CPUCLK8C4
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
53
CPUCLK8T4
OUT
True clock of differential 0.8V push-pull K8 pair.
54
GND
PWR
Ground pin.
55
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
56
CPUCLK8C5
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
57
CPUCLK8T5
OUT
True clock of differential 0.8V push-pull K8 pair.
58
CPUCLK8C6
OUT
Complementary clock of differential 0.8V push-pull K8 pair.
59
CPUCLK8T6
OUT
True clock of differential 0.8V push-pull K8 pair.
60
SPREAD_EN
IN
Asynchronous, active high input to enable spread spectrum functionality.
61
GND25MHz
PWR
Ground pin for the 25Mhz outputs
62
25MHz_1
OUT
25MHz clock output, 3.3V
63
25MHz_0
OUT
25MHz clock output, 3.3V
64
VDD25MHz
PWR
Power supply for 25MHz clocks, 3.3V nominal.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com