Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS932S805C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICS932S805C
Description  K8 Clock Chip for Serverworks HT2100 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS932S805C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICS932S805C Datasheet HTML 3Page - Renesas Technology Corp ICS932S805C Datasheet HTML 4Page - Renesas Technology Corp ICS932S805C Datasheet HTML 5Page - Renesas Technology Corp ICS932S805C Datasheet HTML 6Page - Renesas Technology Corp ICS932S805C Datasheet HTML 7Page - Renesas Technology Corp ICS932S805C Datasheet HTML 8Page - Renesas Technology Corp ICS932S805C Datasheet HTML 9Page - Renesas Technology Corp ICS932S805C Datasheet HTML 10Page - Renesas Technology Corp ICS932S805C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICS932S805C
K8 Clock Chip for Serverworks HT2100 Servers
7
IDT®
K8 Clock Chip for Serverworks HT2100 Servers
1131D – 05/04/10
SMBus Table: Frequency Select and Spread Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
FS Source
Latched Input or SMBus Frequency
Select
RW Latched Inputs
SMBus
0
Bit 6
Spread
Spectrum
Enable
Spread Enable for CPU, SRC and PCI Outputs.
Setting SPREAD_EN pin to '1', forces
Spread ON and overides this bit.
RW
OFF
ON
0
Bit 5
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 4
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 3
FS3
Freq Select Bit 3
RW
Latched
Bit 2
FS2
Freq Select Bit 2
RW
Latched
Bit 1
FS1
Freq Select Bit 1
RW
Latched
Bit 0
FS0
Freq Select Bit 0
RW
Latched
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
REF2
Output Enable
RW
Disable (Low)
Enable
1
Bit 6
REF1
Output Enable
RW
Disable (Low)
Enable
1
Bit 5
REF0
Output Enable
RW
Disable (Low)
Enable
1
Bit 4
PCICLK1
Output Enable
RW
Disable (Low)
Enable
1
Bit 3
PCICLK0
Output Enable
RW
Disable (Low)
Enable
1
Bit 2
48MHz_2
Output Enable
RW
Disable (Low)
Enable
1
Bit 1
48MHz_1
Output Enable
RW
Disable (Low)
Enable
1
Bit 0
48MHz_0
Output Enable
RW
Disable (Low)
Enable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 6
CPUCLK8(6)
RW
Disable
Enable
1
Bit 5
CPUCLK8(5)
RW
Disable
Enable
1
Bit 4
CPUCLK8(4)
RW
Disable
Enable
1
Bit 3
CPUCLK8(3)
RW
Disable
Enable
1
Bit 2
CPUCLK8(2)
RW
Disable
Enable
1
Bit 1
CPUCLK8(1)
RW
Disable
Enable
1
Bit 0
CPUCLK8(0)
RW
Disable
Enable
1
-
-
-
-
-
4
6
Byte 1
5
17
10
9
16
11
Byte 2
-
47/46
45/44
59/58
57/56
53/52
51/50
43/42
Byte 0
-
-
-
Output Enable
When Disabled
CPUCLKT = 0
CPUCLKC = 1
See CPU Frequency Select
Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com