Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-10UI Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD4256G6V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-10UI Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD4256G6V-10UI Datasheet HTML 91Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 92Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 93Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 94Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 95Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 96Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 97Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 98Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
95/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PART NUMBERING
Table 74. Ordering Information Scheme
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
PSD42
5
6
G
6
V
–
10
U
I
I
Device Type
PSD42 = Flash PSD with CPLD
SRAM Size
3 = 64Kbit
5 = 256Kbit
Flash Memory Size
5 = 4Mbit
6 = 8Mbit
I/O Count
G = 52 I/O
2nd Non-Volatile Memory
2 = 256Kbit Flash Memory
6 = 512Kbit Flash Memory
Operating Voltage
V = VCC = 2.7 to 3.6V
Speed
90 = 90ns
10 = 100ns
12 = 120ns
Package
U = TQFP80
Temperature Range
blank = 0 to 70°C (Commercial)
I = –40 to 85°C (Industrial)
Option
I = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com