Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-10UI Datasheet(PDF) 19 Page - STMicroelectronics

Part # PSD4256G6V-10UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-10UI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PSD4256G6V-10UI Datasheet HTML 15Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 16Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 17Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 18Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 19Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 20Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 21Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 22Page - STMicroelectronics PSD4256G6V-10UI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
19/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD REGISTER DESCRIPTION AND ADDRESS OFFSETS
Table 6 shows the offset addresses to the PSD
registers relative to the CSIOP base address. The
CSIOP space is the 256 bytes of address that is al-
located by the user to the internal PSD registers.
Table 6 provides brief descriptions of the registers
in CSIOP space. The following sections give a
more detailed description.
Table 6. Register Address Offset
Note: 1. Other registers that are not part of the I/O ports.
Register Name
Port
A
Port
B
Port
C
Port
D
Port
E
Port
F
Port
G
Other(1)
Description
Data In
00
01
10
11
30
40
41
Reads Port pin as input, MCU I/O input mode
Control
32
42
43
Selects mode between MCU I/O or Address
Out
Data Out
04
05
14
15
34
44
45
Stores data for output to Port pins, MCU I/O
output mode
Direction
06
07
16
17
36
46
47
Configures Port pin as input or output
Drive Select
08
09
19
38
49
Configures Port pins as either CMOS or
Open Drain
Input Macrocell
0A
0B
1A
Reads Input Macrocells
Enable Out
0C
0D
1C
4C
Reads the status of the output enable to the I/
O Port driver
Output
Macrocells A
20
READ – reads output of Macrocells A
WRITE – loads Macrocell Flip-flops
Output
Macrocells B
21
READ – reads output of Macrocells B
WRITE – loads Macrocell Flip-flops
Mask
Macrocells A
22
Blocks writing to the Output Macrocells A
Mask
Macrocells B
23
Blocks writing to the Output Macrocells B
Flash Memory
Protection 1
C0
Read only – Primary Flash Sector Protection
Flash Memory
Protection 2
C1
Read only – Primary Flash Sector Protection
Flash Boot
Protection
C2
Read only – PSD Security and Secondary
Flash memory Sector Protection
JTAG Enable
C7
Enables JTAG Port
PMMR0
B0
Power Management Register 0
PMMR2
B4
Power Management Register 2
Page
E0
Page Register
VM
E2
Places PSD memory areas in Program and/
or Data space on an individual basis.
Memory_ID0
F0
Read only – SRAM and Primary memory size
Memory_ID1
F1
Read only – Secondary memory type and
size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com