Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-12UI Datasheet(PDF) 29 Page - STMicroelectronics

Part # PSD4256G6V-12UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-12UI Datasheet(HTML) 29 Page - STMicroelectronics

Back Button PSD4256G6V-12UI Datasheet HTML 25Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 26Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 27Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 28Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 29Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 30Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 31Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 32Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
29/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Reading the Erase/Program Status Bits
The PSD provides several status bits to be used
by the MCU to confirm the completion of an Erase
or Program cycle of Flash memory. These status
bits minimize the time that the MCU spends per-
forming these tasks and are defined in Table 30.
The status byte resides in an even location, and
can be read as many times as needed. Also note
that DQ15-DQ8 is an even byte for Motorola
MCUs with a 16-bit data bus.
For Flash memory, the MCU can perform a READ
operation to obtain these status bits while an
Erase or Program instruction is being executed by
the embedded algorithm. See the section entitled
“PROGRAMMING FLASH MEMORY”, on page
31, for details.
Table 30. Status Bits
Table 31. Status Bits for Motorola 16-bit MCU
Notes:X = Not guaranteed value, can be read either ’1’ or ’0.’
DQ15-DQ0 represent the Data Bus bits, D15-D0.
FS0-FS15/CSBOOT0-CSBOOT3 are active High.
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Data Polling
Toggle Flag
Error Flag
X
Erase Time-
out
XXX
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
Data Polling
Toggle Flag
Error Flag
X
Erase Time-
out
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com