Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4256G6V-12UI Datasheet(PDF) 49 Page - STMicroelectronics

Part # PSD4256G6V-12UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4256G6V-12UI Datasheet(HTML) 49 Page - STMicroelectronics

Back Button PSD4256G6V-12UI Datasheet HTML 45Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 46Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 47Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 48Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 49Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 50Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 51Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 52Page - STMicroelectronics PSD4256G6V-12UI Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
49/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
PSD Interface to a Non-Multiplexed, 16-bit Bus
Figure 20 shows an example of a system using an
MCU with a 16-bit, non-multiplexed bus and a
PSD4256G6V. The address bus is connected to
the ADIO Port, and the data bus is connected to
Ports F and G. Ports F and G are in tri-state mode
when the PSD is not accessed by the MCU.
Should the system address bus exceed sixteen
bit, Ports A, B, or C may be used for additional ad-
dress inputs.
Figure 20. An Example of a Typical Non-Multiplexed Bus Interface
Note: 1. D[15:8] is for 16-bit MCU
MCU
WR
RD
BHE
ALE
RESET
D [ 15:0]
A[ 15:0]
D[15:8]1
D [ 7:0]
ADIO
PORT
PORT
F
PORT
G
PORT
A
WR (CNTRL0)
RD (CNTRL1)
BHE (CNTRL2)
RST
ALE (PD0)
PORT D
PSD
AI04929B
A[ 23:16]
(OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com