Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PUML1/DG Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PUML1/DG
Description  50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUML1/DG Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PUML1/DG Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUML1/DG Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PUML1_DG_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 14 July 2008
9 of 12
NXP Semiconductors
PUML1/DG
50 V, 200 mA NPN general-purpose transistor/100 mA NPN RET
11. Soldering
Fig 12. Reflow soldering footprint SOT363 (SC-88)
Fig 13. Wave soldering footprint SOT363 (SC-88)
solder lands
solder resist
occupied area
solder paste
sot363_fr
2.65
2.35
0.4 (2
×)
0.6
(2
×)
0.5
(4
×)
0.5
(4
×)
0.6
(4
×)
0.6
(4
×)
1.5
1.8
Dimensions in mm
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com