Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16CPS05B1R Datasheet(PDF) 17 Page - STMicroelectronics

Part # STP16CPS05B1R
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05B1R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STP16CPS05B1R Datasheet HTML 13Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 14Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 15Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 16Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 17Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 18Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 19Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 20Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
STP16CPS05
Test circuit
17/26
Figure 18. Typical application schematic
Note:
VL will be determined by the VF of the LEDs
Test condition: Temp. = 25°C, VDD = 3.0V, VIN = VDD, CL = 10pF, Freq. = 1MHz,
Ch1 = CLK, Ch2 = SDI, Ch3 = OUTn , Ch4 = VOUT
Figure 19. Turn ON output current setup
Figure 20. Turn OFF output current setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com