Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP16CPS05B1R Datasheet(PDF) 20 Page - STMicroelectronics

Part # STP16CPS05B1R
Description  Low voltage 16-Bit constant current LED sink driver with auto power saving
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CPS05B1R Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STP16CPS05B1R Datasheet HTML 16Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 17Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 18Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 19Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 20Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 21Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 22Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 23Page - STMicroelectronics STP16CPS05B1R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package mechanical data
STP16CPS05
20/26
Table 12.
TSSOP24 mechanical data
Dim.
mm.
inch
Min.
Typ
Max.
Min.
Typ.
Max.
A
1.1
0.043
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
7.7
7.9
0.303
0.311
E
4.3
4.5
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.5
0.246
0.256
K
0°
8°
0°
8°
L
0.50
0.70
0.020
0.028
Figure 22. TSSOP24 Package dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com