Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF5271CAB100 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # PCF5271CAB100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CAB100 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button PCF5271CAB100 Datasheet HTML 34Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 35Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 36Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 37Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 38Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 39Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 40Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 41Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Preliminary Electrical Characteristics
Freescale Semiconductor
38
Timings listed in Table 30 are shown in Figure 6 & Figure A-3.
Figure 6. General Input Timing Requirements
8.6
Processor Bus Output Timing Specifications
Table 31 lists processor bus output timings.
Table 31. External Bus Output Timing Specifications
Name
Characteristic
Symbol
Min
Max
Unit
Control Outputs
B6a
CLKOUT high to chip selects valid 1
tCHCV
—0.5tCYC +5
ns
B6b
CLKOUT high to byte enables (BS[3:0]) valid2
tCHBV
—0.5tCYC +5
ns
B6c
CLKOUT high to output enable (OE) valid3
tCHOV
—0.5tCYC +5
ns
B7
CLKOUT high to control output (BS[3:0], OE) invalid
tCHCOI
0.5tCYC+1.5
—
ns
B7a
CLKOUT high to chip selects invalid
tCHCI
0.5tCYC+1.5
—
ns
Invalid
Invalid
CLKOUT(75MHz)
TSETUP
THOLD
Input Setup And Hold
1.5V
trise
Vh = VIH
Vl = VIL
1.5V
1.5V Valid
tfall
Vh = VIH
Vl = VIL
Input Rise Time
Input Fall Time
* The timings are also valid for inputs sampled on the negative clock edge.
Inputs
CLKOUT
B4
B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com