Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF5271CAB100 Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # PCF5271CAB100
Description  32-bit Embedded Controller Division
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PCF5271CAB100 Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button PCF5271CAB100 Datasheet HTML 48Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 49Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 50Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 51Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 52Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 53Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 54Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 55Page - Freescale Semiconductor, Inc PCF5271CAB100 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Documentation
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 1.2
Freescale Semiconductor
55
9
Documentation
Table 45 lists the documents that provide a complete description of the MCF5271 and their development
support tools. Documentation is available from a local Freescale distributor, a Freescale semiconductor
sales office, the Freescale Literature Distribution Center, or through the Freescale world-wide web address
at http://www.freescale.com.
9.1
Document Revision History
Table 46 provides a revision history for this document.
Table 45. MCF5271 Documentation
Freescale
Document
Number
Title
Revision
Status
MCF5271EC
MCF5271 RISC Microprocessor Hardware
Specifications
Rev. 1.2
This document
MCF5271RM
MCF5271 Reference Manual
1.1
Available
MCF5271PB
MCF5271 Product Brief
0
Available
MCF5271FS
MCF5271 Fact Sheet
—
In Process
CFPRODFACT/D
The ColdFire Family of 32-Bit Microprocessors
Family Overview and Technology Roadmap
0
Available under
NDA
MCF5xxxWP
MCF5xxxWP WHITE PAPER: Motorola ColdFire
VL RISC Processors
0
Available under
NDA
MAPBGAPP
MAPBGA 4-Layer Example
0
Available
CFPRM/D
ColdFire Family Programmer's Reference Manual
2
Available
Table 46. Document Revision History
Rev. No.
Substantive Change(s)
0
Initial release
1
- Fixed several clock values.
- Updated Signal List table
1.1
- Removed duplicate information in the module description sections. The information is all in the
Signals Description Table.
1.2
- Removed detailed signal description section. This information can be found in the MCF5235RM
Chapter 2.
- Removed detailed feature list. This information can be found in the MCF5235RM Chapter 1.
- Changed instances of Motorola to Freescale
- Added values for ‘Maximum operating junction temperature’ in Table 27.
- Added typical values for ‘Core operating supply current (master mode)’ in Table 28.
- Added typical values for ‘Pad operating supply current (master mode)’ in Table 28.
- Removed unnecessary PLL specifications, #6-9, in Table 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com