| Electronic Components Datasheet Search |
|
AM29BDS128HE8VFI Datasheet(PDF) 56 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HE8VFI Datasheet(HTML) 56 Page - SPANSION |
|
56 / 89 page ![]() 54 Am29BDS128H/Am29BDS640H 27024B3 May 10, 2006 D A TA SH EE T DC CHARACTERISTICS CMOS COMPATIBLE Note: 1. Maximum ICC specifications are tested with VCC = VCCmax. 2. VIO= VCC 3. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. 4. ICC active while Embedded Erase or Embedded Program is in progress. 5. Device enters automatic sleep mode when addresses are stable for tACC + 60 ns. Typical sleep mode current is equal to ICC3. 6. Total current during accelerated programming is the sum of VACC and VCC currents. Parameter Description Test Conditions Note: 1 & 2 Min Typ Max Unit ILI Input Load Current VIN = VSS to VCC, VCC = VCCmax ±1 µA ILO Output Leakage Current VOUT = VSS to VCC, VCC = VCCmax ±1 µA ICCB VCC Active burst Read Current CE# = VIL, OE# = VIH, WE# = VIH, burst length = 8 54 MHz 9 17 mA CE# = VIL, OE# = VIH, WE# = VIH, burst length = 16 54 MHz 8 15.5 mA CE# = VIL, OE# = VIH, WE# = VIH, burst length = Continuous 54 MHz 7 14 mA IIO1 VIO Non-active Output OE# = VIH 140 µA ICC1 VCC Active Asynchronous Read Current (Note 3) CE# = VIL, OE# = VIH, WE# = VIH 10 MHz 20 30 mA 5 MHz 10 15 mA 1 MHz 3.55mA ICC2 VCC Active Write Current (Note 4) CE# = VIL, OE# = VIH, ACC = VIH 15 40 mA ICC3 VCC Standby Current (Note 5) CE# = RESET# = VCC ± 0.2 V 0.2 40 µA ICC4 VCC Reset Current RESET# = VIL, CLK = VIL 140 µA ICC5 VCC Active Current (Read While Write) CE# = VIL, OE# = VIH 25 60 mA ICC6 VCC Sleep Current CE# = VIL, OE# = VIH 140 µA IACC Accelerated Program Current (Note 6) CE# = VIL, OE# = VIH, VACC = 12.0 ± 0.5 V VACC 715 mA VCC 510 mA VIL Input Low Voltage VIO = 1.8 V –0.4 0.4 V VIH Input High Voltage VIO = 1.8 V VIO – 0.4 VIO + 0.4 V VOL Output Low Voltage IOL = 100 µA, VIO = VCC = VCC min 0.1 V VOH Output High Voltage IOH = –100 µA, VIO = VCC = VCC min VIO – 0.1 V VID Voltage for Autoselect and Temporary Sector Unprotect VCC = 1.8 V 11.5 12.5 V VHH Voltage for Accelerated Program 11.5 12.5 V VLKO Low VCC Lock-out Voltage 1.0 1.4 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |