| Electronic Components Datasheet Search |
|
AM29BDS128HE8VFI Datasheet(PDF) 59 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29BDS128HE8VFI Datasheet(HTML) 59 Page - SPANSION |
|
59 / 89 page ![]() May 10, 2006 27024B3 Am29BDS128H/Am29BDS640H 57 D A TA SH EE T AC CHARACTERISTICS Synchronous/Burst Read Note: Addresses are latched on the first of either the active edge of CLK or the rising edge of AVD#. Parameter Description 66 MHz 54 MHz Unit JEDEC Standard tIACC Latency (Even address in Reduced wait-state Handshaking mode) Max 56 69 ns tIACC Latency (Standard Handshaking or Odd address in Reduced wait-state Handshaking mode Max 71 87.5 ns tBACC Burst Access Time Valid Clock to Output Delay Max 11 13.5 ns tACS Address Setup Time to CLK (Note ) Min 4 5 ns tACH Address Hold Time from CLK (Note ) Min 6 7 ns tBDH Data Hold Time from Next Clock Cycle Min 3 4 ns tCR Chip Enable to RDY Valid Max 11 13.5 ns tOE Output Enable to Output Valid Max 11 13.5 ns tCEZ Chip Enable to High Z Max 8 10 ns tOEZ Output Enable to High Z Max 8 10 ns tCES CE# Setup Time to CLK Min 4 5 ns tRDYS RDY Setup Time to CLK Min 4 5 ns tRACC Ready Access Time from CLK Max 11 13.5 ns tAAS Address Setup Time to AVD# (Note ) Min 4 5 ns tAAH Address Hold Time to AVD# (Note ) Min 6 7 ns tCAS CE# Setup Time to AVD# Min 0 ns tAVC AVD# Low to CLK Min 4 5 ns tAVD AVD# Pulse Min 10 12 ns tACC Access Time Max 50 55 ns tCKA CLK to access resume Max 11 13.5 ns tCKZ CLK to High Z Max 8 10 ns tOES Output Enable Setup Time Min 4 5 ns tRCC Read cycle for continuous suspend Max 1 ms |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |