Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL016A0LMAI011 Datasheet(PDF) 13 Page - SPANSION

Part # S25FL016A0LMAI011
Description  16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LMAI011 Datasheet(HTML) 13 Page - SPANSION

Back Button S25FL016A0LMAI011 Datasheet HTML 9Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 10Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 11Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 12Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 13Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 14Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 15Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 16Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
August 28, 2006 S25FL016A_00_C0
S25FL016A
11
Da ta
Shee t
(Prelim i nar y )
– Write Disable (WRDI)
– Write Status Register (WRSR)
Software Protected Mode (SPM): The Block Protect (BP2, BP1, BP0) bits define the section of the
memory array that can be read but not programmed or erased. Table 7.1 shows the sizes and address
ranges of protected areas that are defined by Status Register bits BP2:BP0.
Hardware Protected Mode (HPM): The Write Protect (W#) input and the Status Register Write Disable
(SRWD) bit together provide write protection.
Clock Pulse Count: The device verifies that all program, erase, and Write Status Register commands
consist of a clock pulse count that is a multiple of eight before executing them.
7.7
Hold Mode (HOLD#)
The Hold input (HOLD#) stops any serial communication with the device, but does not terminate any Write
Status Register, program or erase operation that is currently in progress.
The Hold mode starts on the falling edge of HOLD# if SCK is also low (see Figure 7.1, on page 11, standard
use). If the falling edge of HOLD# does not occur while SCK is low, the Hold mode begins after the next falling
edge of SCK (non-standard use).
The Hold mode ends on the rising edge of HOLD# signal (standard use) if SCK is also low. If the rising edge
of HOLD# does not occur while SCK is low, the Hold mode ends on the next falling edge of CLK (non-
standard use) See Figure 7.1.
The SO output is high impedance, and the SI and SCK inputs are ignored (don’t care) for the duration of the
Hold mode.
CS# must remain low for the entire duration of the Hold mode to ensure that the device internal logic remains
unchanged. If CS# goes high while the device is in the Hold mode, the internal logic is reset. To prevent the
device from reverting to the Hold mode when device communication is resumed, HOLD# must be held high,
followed by driving CS# low.
Figure 7.1 Hold Mode Operation
Table 7.1 S25FL016A Protected Area Sizes
Status Register
Block Protect Bits
Memory Array
Protected
Portion of
Total Memory
Area
BP2
BP1
BP0
Protected
Address Range
Protected
Sectors
Unprotected
Address Range
Unprotected
Sectors
0
0
0
None
(0)
000000h–1FFFFFh
SA31:SA0
0
0
0
1
1F0000h–1FFFFFh
(1) SA31
000000h–1EFFFFh
SA30:SA0
1/32
0
1
0
1E0000h–1FFFFFh
(2) SA31:SA30
000000h–1DFFFFh
SA29:SA0
1/16
0
1
1
1C0000h–1FFFFFh
(4) SA31:SA28
000000h–1BFFFFh
SA27:SA0
1/8
1
0
0
180000h–1FFFFFh
(8) SA31:SA24
000000h–17FFFFh
SA23:SA0
1/4
1
0
1
100000h–1FFFFFh
(16) SA31:SA16
000000h–0FFFFFh
SA15:SA0
1/2
1
1
0
000000h–1FFFFFh
(32) SA31:SA0
None
None
All
1
1
1
000000h–1FFFFFh
(32) SA31:SA0
None
None
All
SCK
HOLD#
Hold
Condition
(standard use)
Hold
Condition
(non-standard use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com