Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S25FL016A0LMAI011 Datasheet(PDF) 21 Page - SPANSION

Part # S25FL016A0LMAI011
Description  16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LMAI011 Datasheet(HTML) 21 Page - SPANSION

Back Button S25FL016A0LMAI011 Datasheet HTML 17Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 18Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 19Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 20Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 21Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 22Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 23Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 24Page - SPANSION S25FL016A0LMAI011 Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
August 28, 2006 S25FL016A_00_C0
S25FL016A
19
Da ta
Shee t
(Prelim i nar y )
Figure 9.8 Page Program (PP) Command Sequence
9.9
Sector Erase (SE)
The Sector Erase (SE) command sets all bits at all addresses within a specified sector to a logic 1. A WREN
command is required prior to writing the PP command.
The host system must drive CS# low, and then write the SE command plus three address bytes on SI. Any
address within the sector (see Table 7.1 on page 11) is a valid address for the SE command. CS# must be
driven low for the entire duration of the SE sequence. The command sequence is shown in Figure 9.9 and
Table 9.4.
The host system must drive CS# high after the device has latched the 8th bit of the SE command, otherwise
the device does not execute the command. The SE operation begins as soon as CS# is driven high. The
device internally controls the timing of the operation, which requires a period of tSE. The Status Register may
be read to check the value of the Write In Progress (WIP) bit while the SE operation is in progress. The WIP
bit is 1 during the SE operation, and is 0 when the operation is completed. The device internally resets the
Write Enable Latch to 0 before the operation completes (the exact timing is not specified).
The device does not execute an SE command that specifies a sector that is protected by the Block Protect
bits (BP2:BP0) (see Table 7.1 on page 11).
Figure 9.9 Sector Erase (SE) Command Sequence
0
34
33
32
31
30
29
28
10
9
8
7
6
5
4
3
2
1
35 36 37 38
39
46
45
44
43
42
41
40
47 48 49 50
51 52 53 54
55
23 22 21
3
21
07
6
5
4
3
2
1
0
Data Byte 1
24-Bit Address
Command
Data Byte 2
Data Byte 3
Data Byte 256
MSB
MSB
MSB
MSB
MSB
SCK
SI
SCK
SI
7
65
4
3
2
1
0
76
54
3
21
0
7
6
5
4
3
21
0
CS#
CS#
Mode 0
Mode 3
CS#
SCK
SI
SO
MSB
Command
24-bit Address
01
2
3
45
6
7
8
910
28
29
30
31
23
22
21
3
2
1
0
Hi-Z
Mode 0
Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com