Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29CD032J Datasheet(PDF) 41 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 41 Page - SPANSION

Back Button S29CD032J Datasheet HTML 37Page - SPANSION S29CD032J Datasheet HTML 38Page - SPANSION S29CD032J Datasheet HTML 39Page - SPANSION S29CD032J Datasheet HTML 40Page - SPANSION S29CD032J Datasheet HTML 41Page - SPANSION S29CD032J Datasheet HTML 42Page - SPANSION S29CD032J Datasheet HTML 43Page - SPANSION S29CD032J Datasheet HTML 44Page - SPANSION S29CD032J Datasheet HTML 45Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
39
Da ta
Shee t
(Prelim i nar y )
1. Persistently Locked. A sector is protected and cannot be changed.
2. Dynamically locked. The selected sectors are protected and can be altered via software
commands.
3. Unlocked. The sectors are unprotected and can be erased and/or programmed.
These states are controlled by the bit types described between page 39 and page 42.
Notes
1. If the password mode is chosen, the password must be programmed before setting the
corresponding lock register bit. The user must be sure that the password is correct when the
Password Mode Locking Bit is set, as there is no means to verify the password afterwards.
2. If both lock bits are selected to be programmed (to zeros) at the same time, the operation aborts.
3. Once the Password Mode Lock Bit is programmed, the Persistent Mode Lock Bit is permanently
disabled, and no changes to the protection scheme are allowed. Similarly, if the Persistent Mode
Lock Bit is programmed, the Password Mode is permanently disabled.
4. It is important that the mode is explicitly selected when the device is first programmed, rather than
relying on the default mode alone. This is so that it is impossible for a system program or virus to
later set the Password Mode Locking Bit, which would cause an unexpected shift from the default
Persistent Sector Protection Mode into the Password Protection Mode.
5. If the user attempts to program or erase a protected sector, the device ignores the command and
returns to read mode. A program command to a protected sector enables status polling for
approximately 1 µs before the device returns to read mode without modifying the contents of the
protected sector. An erase command to a protected sector enables status polling for approximately
50 µs, after which the device returns to read mode without having erased the protected sector.
6. For the command sequence required for programming the lock register bits, refer to Section 20.1,
Command Definitions on page 69.
9.2
Persistent Protection Bits
The Persistent Protection Bits are unique and nonvolatile. A single Persistent Protection Bit is assigned to a
maximum for four sectors (see the sector address tables for specific sector protection groupings). All eight-
Kbyte boot-block sectors have individual sector Persistent Protection Bits (PPBs) for greater flexibility.
Notes
1. Each PPB is individually programmed and all are erased in parallel. There are no means for
individually erasing a specific PPB and no specific sector address is required for this operation.
2. If a PPB requires erasure, all of the sector PPBs must first be programmed prior to PPB erasing. It
is the responsibility of the user to perform the preprogramming operation. Otherwise, an already
erased sector PPB has the potential of being over-erased. There is no hardware mechanism to
prevent sector PPB over-erasure.
3. If the PPB Lock Bit is set, the PPB Program or erase command does not execute and times-out
without programming or erasing the PPB.
9.2.1
Programming PPB
The PPB Program Command is used to program, or set, a given PPB. The first three cycles in the PPB
Program Command are standard unlock cycles. The fourth cycle in the PPB Program Command executes the
pulse which programs the specified PPB. The user must wait either 100 µs or until DQ6 stops toggling before
executing the fifth cycle, which is the read verify portion of the PPB Program Command. The sixth cycle
outputs the status of the PPB Program operation.
In the event that the program PPB operation was not successful, the user can loop directly to the fourth cycle
of the PPB Program Command to perform the program pulse and read verification again. After four
unsuccessful loops through the program pulse and read verification cycles the PPB programming operation
should be considered a failure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com