Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S29CD032J Datasheet(PDF) 43 Page - SPANSION

Part # S29CD032J
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J Datasheet(HTML) 43 Page - SPANSION

Back Button S29CD032J Datasheet HTML 39Page - SPANSION S29CD032J Datasheet HTML 40Page - SPANSION S29CD032J Datasheet HTML 41Page - SPANSION S29CD032J Datasheet HTML 42Page - SPANSION S29CD032J Datasheet HTML 43Page - SPANSION S29CD032J Datasheet HTML 44Page - SPANSION S29CD032J Datasheet HTML 45Page - SPANSION S29CD032J Datasheet HTML 46Page - SPANSION S29CD032J Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
41
Da ta
Shee t
(Prelim i nar y )
Figure 9.3 PPB Erase Operation
9.3
Persistent Protection Bit Lock Bit
The Persistent Protection Bit Lock Bit is a global volatile bit for all sectors. When set to “1”, it locks all PPBs;
when set to “0”, it allows the PPBs to be changed. There is only one PPB Lock Bit per device.
Notes
1. No software command sequence unlocks this bit unless the device is in the password protection
mode; only a hardware reset or a power-up clears this bit.
2. The PPB Lock Bit must be set only after all PPBs are configured to the desired settings.
9.4
Dynamic Protection Bits
A Dynamic Protection Bit (DYB) is volatile and unique for each sector and can be individually modified. DYBs
only control the protection scheme for unprotected sectors that have their PPBs set to “0”. By issuing the DYB
Set or Clear command sequences, the DYBS are set or cleared, thus placing each sector in the protected or
unprotected state respectively. This feature allows software to easily protect sectors against inadvertent
changes, yet does not prevent the easy removal of protection when changes are needed.
Notes
1. The DYBs can be set or cleared as often as needed with the DYB Write Command.
2. When the parts are first shipped, the PPBs are cleared, the DYBs are cleared, and PPB Lock is
defaulted to power up in the cleared state – meaning the PPBs are changeable. The DYB are also
always cleared after a power-up or reset.
3. It is possible to have sectors that are persistently locked with sectors that are left in the dynamic
state.
4. The DYB Set or Clear commands for the dynamic sectors signify the protected or unprotected state
of the sectors respectively. However, if there is a need to change the status of the persistently
Either poll DQ6 in the
small bank and wait for
it to stop toggling OR
wait 20 ms
DQ0 = 0?
Write 0x60 to WP
Write 0x40 to WP
Read from WP
YES
NO
YES
NO
Done
Error
Write 0xAA to 0x555
Write 0x55 to 0x2AA
Write 0x60 to 0x555
5th attempt?
Note: Reads from the
small bank at this point
return the status of the
operation, not read array
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com