Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F800B-120FIB Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM29F800B-120FIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120FIB Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM29F800B-120FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 16Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 17Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 18Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 19Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 20Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 21Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
Am29F800T/Am29F800B
8/18/97
PR E L IM IN A R Y
will be automatically reset to read mode and this will
enable the system’s microprocessor to read the
boot-up firmware from the Flash memory.
Byte/Word Configuration
The BYTE pin selects the byte (8-bit) mode or word
(16 bit) mode for the Am29F800 device. When this pin is
driven high, the device operates in the word (16 bit)
mode. The data is read and programmed at DQ0–
DQ15. When this pin is driven low, the device operates
in byte (8 bit) mode. Under this mode, the DQ15/A-1 pin
becomes the lowest address bit and DQ8–DQ14 bits are
tri-stated. However, the command bus cycle is always
an 8-bit operation and hence commands are written at
DQ0–DQ7 and the DQ8–DQ15 bits are ignored. Refer
to Figures 15 and 16 for the timing diagram.
Data Protection
The Am29F800 is designed to offer protection against
accidental erasure or programming caused by spurious
system level signals that may exist during power tran-
sitions. During power up the device automatically re-
sets the internal state machine in the Read mode. Also,
with its control register architecture, alteration of the
memory contents only occurs after successful comple-
tion of specific multi-bus cycle command sequences.
The device also incorporates several features to pre-
vent inadvertent write cycles resulting from VCC
power-up and power-down transitions or system noise.
Low VCC Write Inhibit
To avoid initiation of a write cycle during VCC power-up
and power-down, the Am29F800 locks out write cycles
for VCC < VLKO (see DC Characteristics section for volt-
ages). When VCC < VLKO, the command register
is disabled, all internal program/erase circuits are dis-
abled, and the device resets to the read mode. The
Am29F800 ignores all writes until VCC > VLKO. The
user must ensure that the control pins are in the correct
logic state when VCC > VLKO to prevent unintentional
writes.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE, CE, or
WE will not initiate a write cycle.
Logical Inhibit
Writing is inhibited by holding any one of OE = VIL,
CE = VIH, or WE = VIH. To initiate a write cycle CE and
WE must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
Power-up of the device with WE = CE = VIL and
OE = VIH will not accept commands on the rising edge
of WE. The internal state machine is automatically
reset to the read mode on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com