Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29F800B-120FIB Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM29F800B-120FIB
Description  8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800B-120FIB Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM29F800B-120FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F800B-120FIB Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
8/18/97
Am29F800T/Am29F800B
27
PR E L IM IN A R Y
AC CHARACTERISTICS
Write/Erase/Program Operations
Notes:
1. This does not include the preprogramming time.
2. Not 100% tested.
3. These timings are for Temporary Sector Unprotect operation.
4. Output Driver Disable Time.
Parameter
Symbols
Description
-70
-90
-120
-150
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 2)
Min
70
90
120
150
ns
tAVWL
tAS
Address Setup Time
Min
0
0
0
0
ns
tWLAX
tAH
Address Hold Time
Min
45
45
50
50
ns
tDVWH
tDS
Data Setup Time
Min
30
45
50
50
ns
tWHDX
tDH
Data Hold Time
Min
0
0
0
0
ns
tOEH
Output
Enable
Hold Time
Read (Note 2)
Min
0
0
0
0
ns
Toggle and Data Polling (Note 2)
Min
10
10
10
10
ns
tGHWL
tGHWL
Read Recover Time Before Write
(OE High to WE Low)
Min
0
0
0
0
ns
tELWL
tCS
CE Setup Time
Min
0
0
0
0
ns
tWHEH
tCH
CE Hold Time
Min
0
0
0
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
45
50
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
20
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7
7
7
7
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
Typ
111
1
sec
Max
8
8
8
8
sec
tVCS
VCC Set Up Time (Note 2)
Min
50
50
50
50
µs
tVIDR
Rise Time to VID
Min
500
500
500
500
ns
tRP
RESET Pulse Width
Min
500
500
500
500
ns
tBUSY
Program/Erase Valid to RY/BY Delay (Note 2)
Min
30
35
50
55
ns
tRSP
RESET Setup Time for Temporary Sector Unprotect
(Notes 2, 3)
Min
4
4
4
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com