Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP-40 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # IP-40
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-40 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button IP-40 Datasheet HTML 78Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 79Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 80Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 81Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 82Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 83Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 84Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 85Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
12.5
30.5
2.3
1.5
2.5
27.6
∗ Refer to the applicable internal circuit diagram (numbers q to u) on page 1587.
Note 1) Refer to page 1584 for reed auto switch common specifications.
Note 2) Refer to page 1584 for lead wire lengths.
Note 3) Under 5 mA, the strength of the indicator light is poor. In some cases, visibility of the
indicator light will not be possible where the output signal is less than 2.5 mA. However,
there is no problem in terms of contact output, when an output signal exceeds 1 mA or
more.
Note 4) The auto switches can operate at 12 VDC, but consider the internal voltage drop of the auto
switch described in Reed Auto Switch Precautions on page 12.
Auto switch model
Lead wire minimum bending radius [mm] (Reference values)
D-Z73
D-Z76
D-Z80
ø2.7
2 cores (Brown/Blue)
0.18
17
Sheath
Insulator
Conductor
Outside diameter [mm]
Number of cores
Outside diameter [mm]
Effective area [mm2]
Strand diameter [mm]
ø3.4
3 cores (Brown/Blue/Black)
ø1.1
0.2
ø0.08
21
ø2.7
2 cores (Brown/Blue)
0.18
17
Oilproof Heavy-duty Lead Wire Specifications
Auto switch model
0.5 m (
Nil)
3 m (
L)
5 m (
Z)
7
31
50
10
55
—
D-Z73
D-Z76
D-Z80
Lead wire length
D-Z7 (With indicator light)
Auto switch model
Applicable load
Load voltage
Max. load current and load current range(3)
Internal circuit∗
Contact protection circuit
Internal voltage drop
Indicator light
Standard
D-Z73
24 VDC (4)
5 to 40 mA
100 VAC
5 to 20 mA
None
Red LED illuminates when turned ON.
CE marking
D-Z76
D-Z80
Relay, PLC
e
2.4 V or less (Up to 20 mA)/3 V or less (Up to 40 mA)
IC circuit
4 to 8 VDC
20 mA
t
0.8 V or less
Relay, PLC, IC circuit
40 mA
r
None
1
Ω or less (Including 3 m lead wire)
CE marking
D-Z8 (Without indicator light)
Auto switch model
Applicable load
Load voltage
Maximum load current
Internal circuit∗
Contact protection circuit
Internal resistance
Standard
50 mA
20 mA
24 V
or less
AC
DC
100 VAC
DC
48 VAC
DC
7
31
—
Grommet
Auto Switch Specifications
PLC: Programmable Logic Controller
Refer to SMC website for the details of
the products conforming to the
international standards.
Weight
(g)
D-Z73, Z80
D-Z76
Dimensions
(mm)
Slotted set screw
Slotted set screw
Indicator light
D-Z80 without indicator light
Indicator light
Most sensitive
position
Most sensitive
position
M2.5 x 4L
M2.5 x 4L
12.5
Reed Auto Switch
Direct Mounting Type
D-Z73/D-Z76/D-Z80
1663
D-
D-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com