Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IP-40 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # IP-40
Description  Applicable Cylinder Series
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP-40 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button IP-40 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP-40 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Prior to Use
Auto Switches Common Specifications 3
Refer to the Auto Switch Precautions on pages 8 to 12 before using auto switches.
A switch that detects the magnetic field by the MR element and incorporates the judgement circuit to turn ON or OFF the out-
put regardless of the contact or non-contact of the mechanical contact like transistor (non-contact part).
A current that flows to operate the internal circuit when the ON-OFF output is OFF. In particular, if this leak current exceeds the
detection current in the 2-wire type auto switch or PLC, this may cause reset fault. So, take great care when selecting a device.
A switch that uses the reed switch to detect the magnetic field and turn ON or OFF the output by the contact or non-contact
of the mechanical contact (contact part is provided like relay or limit switch).
A load that has the coil. The connection target of the auto switch is a relay.
A minimum bending radius (reference value) of the lead wire when the lead wire is secured and constructed (oscillation or ro-
tation is not considered).
(As the temperature or current value conforms to the auto switch specifications, this lead wire bending radius differs from the
value disclosed by the electric wire manufacturer.)
A structure, in which the lead wire of the auto switch is taken out in the horizontal direction when the cylinder is laid out hori-
zontally (cylinder rod is horizontal), is called “in-line entry”. A structure, in which the lead wire is taken out in a direction per-
pendicular to the cylinder axis center, is called “perpendicular entry”.
Meaning
Term
Minimum Stroke for
Auto Switch Mounting
Internal voltage drop
Solid state auto switch
Leak current
Reed auto switch
Induction load
Recommended lead
wire bending radius
Electrical entry
2-Color Indicator
Load
Load current
Enclosure
IP
First characteristic numeral
Second characteristic numeral
Example) In the case of stipulated as IP65, we can know the degrees of protection is dusttight and water jet-
proof on the grounds that the first characteristic numeral is 6 and the second characteristic numeral
is 5 respectively, that gives it will not be adversely affected by direct water jets from any direction.
Non-protected
Protected against vertically falling water drops
Protected against vertically falling water drops when enclosure tilted
up to 15°
Protected against rainfall when enclosure tilted up to 60
°
Protected against splashing water
Protected against water jets
Protected against powerful water jets
Protected against the effects of temporary immersion in water
Protected against the effects of continuous immersion in water
0
1
2
3
4
5
6
7
8
Second Characteristics:
Degrees of protection against water
Non-protected
Protected against solid foreign objects of 50 mm ø and greater
Protected against solid foreign objects of 12 mm ø and greater
Protected against solid foreign objects of 2.5 mm ø and greater
Protected against solid foreign objects of 1.0 mm ø and greater
Dust-protected
Dusttight
0
1
2
3
4
5
6
First Characteristics:
Degrees of protection against solid foreign objects
A minimum stroke value of the auto switch that can be mounted on the cylinder.
The minimum stroke is determined by the specification limit (auto switch operation or position setting ability, etc.) and physi-
cal limit (mechanical interference associated with the auto switch mounting).
Note that the catalog shows the value assuming that the position detection is performed at the stroke end and this value
does not consider the adjustment allowance.
When an adjustment allowance is needed, such as detection before the stroke, a value is set that this adjustment allowance
is added to the minimum stroke.
A voltage that is applied to the portion between the COM and signal line when the auto switch is ON.
As only a value that the internal voltage drop is subtracted from the power supply voltage is applied to the input side of the
PLC, the detection fault (incorrect input) may occur if this value is lower than the minimum operating voltage. So, take great
care when selecting a device.
As the end part of the auto switch operating range (boundary between ON and OFF) is an area where is susceptible to the
external disturbance or stroke change during cylinder operation, this function is intended to quickly and properly make the
setting at the center of the operating range where the stable operation can be obtained by changing the operation indication
color of the auto switch.
A device that is connected to the output of the auto switch so as to do any work is called “load”.
For example, the load is a relay or PLC, etc.
To check the operation of the auto switch, a device equivalent to the load (such as resistor, etc.) is connected.
A current that flows to the load when the ON-OFF output is ON.
A class of protection against solid or water entry of the electrical machinery and apparatus specified in IEC60529.
1586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com