Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZP8C2N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HZP8C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP8C2N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HZP8C2N Datasheet HTML 1Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 2Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 3Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SafeSite
® LED Area Light
Class I Div. 1 / Class II Div. 1
Application:
The SafeSite® LED area light represents the future of energy efficient facility
illumination for hazardous locations worldwide. The Class I, Div 1 LED area
lighting fixture consumes at least 50% less energy compared to traditional
HID light sources, while reducing maintenance and carbon emissions. This
light incorporates both cutting edge LED technology along with
proprietary optics to achieve area lighting comparable with other
traditional light sources.
Whether your application is in a refinery, oil platform, chemical plant or
any other Class I, Division 1 application, this fixture offers improved
performance across the board.
10.7
[272]
9.7
[246]
6.0
[152]
5.8
[148]
Ø.213
[5,41]
Ø.197
[5]
2.0
[51]
Patent Pending
Certifications
• Class I, Div 1, Groups B, C, D
• Class II, Div 1, Groups E, F, G
• UL 844
• UL 1598/A
• CSA 22.2 No. 137-M1981
• CSA 22.2 No. 25-1966
• ABS Design Assessed: # 12-HS942957-PDA
• IP 66
• NEMA 4X
www.dialight.com
4
Temperature Ratings
Ambient Temperature Range
T4a Temperature Code
Ambient Temperature Range
T5 Temperature Code
-40°F to +149°F (-40°C to +65°C)
-40°F to +113°F (-40°C to +45°C)
Mechanical Information
Fixture Weight:
14.5 lbs (6.58 kg)
Shipping Weight:
16.5 lbs (7.48kg)
Mounting:
(1) Threaded 3/4” NPT rear
Cabling:
10' (3.5m) SOOW Power Cord
Electrical specifications
Operating Voltage:
100 - 277V AC, 50/60 Hz
347 - 480V AC, 50/60 Hz
Power Consumption:
See ordering information
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Harmonics:
IEC 61000-3-2
Noise Requirements/
EMC:
FCC Title 47, Subpart B, Section 15, class
A device. RF Immunity; 10V/m, 80MHz-1GHz
Surge Protection
100 - 277V AC 50/60Hz:
1 kV line to line
2 kV line to ground
347 - 480V AC 50/60Hz:
6 kV line to line
6 kV line to ground
THD
100 - 277V AC 50/60Hz:
<20%
347 - 480V AC 50/60Hz:
<20%
Power Factor:
> 0.9
Construction
Housing:
Powder coated copper free aluminum
Finish:
Polyester / epoxy powder coat gray RAL
7040 for superior corrosion resistance
Lens:
Glass
Photometric Information
CRI:
70
CCT Standard:
5,000K (cool white)
4,000K (neutral white)
Optics:
180° forward throw
360° circular pattern
IES Files:
Available upon request
All values typical unless otherwise state
All Lumen Values are typical (tolerance +/- 10%)
Dimensions in Inches [mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com