Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HZP8C2N Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HZP8C2N
Description  SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HZP8C2N Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HZP8C2N Datasheet HTML 3Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 4Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 5Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 6Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 7Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 8Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 9Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 10Page - List of Unclassifed Manufacturers HZP8C2N Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.dialight.com
SafeSite
® LED Area Light
Ordering Information
7
Part Number
Description
Kit Includes
Stanchion Mount Junction Box - Class I Div. 2, Class II Div. 1, CLass II Div. 2
HZXSTAN100S
1.00" ( 1.315" Pole OD) Slip-Fit Stanchion Mount Junction Box
Junction box
mounting hardware
(requires bracket
HZXW3 or HZXW7
not included )
HZXSTAN125S
1.25" ( 1.660" Pole OD) Slip-Fit Stanchion Mount Junction Box
HZXSTAN150S
1.50" ( 1.900" Pole OD) Slip-Fit Stanchion Mount Junction Box
HZXSTAN200S
2.00" ( 2.375" Pole OD) Slip-Fit Stanchion Mount Junction Box
HZXSTAN100T
1.00" ( 1.315" Pole OD) NPT Threaded Stanchion Mount Junction Box
HZXSTAN125T
1.25" ( 1.660" Pole OD) NPT Threaded Stanchion Mount Junction Box
HZXSTAN150T
1.50" ( 1.900" Pole OD) NPT Threaded Stanchion Mount Junction Box
HZXSTAN200T
2.00" ( 2.375" Pole OD) NPT Threaded Stanchion Mount Junction Box
Wall/Pole Mount Junction Box - Class I Div. 2
HZXJB075
0.75" Ceiling / Wall / Pole Mount Junction Box
Junction box
HZXJB100
1.00" Pole Mount Junction Box
HZXJB125
1.25" Pole Mount Junction Box
HZXJB150
1.50" Pole Mount Junction Box
Wall/Pole Mount Junction Box and Photocell - Class I Div. 2
HZXJB075PC1
0.75" Ceiling / Wall / Pole Mount Junction Box - with 120V AC Photocell
Junction box
120V AC photocell
HZXJB100PC1
1.00" Pole Mount Junction Box - with 120V AC Photocell
HZXJB125PC1
1.25" Pole Mount Junction Box - with 120V AC Photocell
HZXJB150PC1
1.50" Pole Mount Junction Box - with 120V AC Photocell
Mounting Brakets (0, 45, 90 angles)
HZXW3
Stainless steel bracket
Bracket
Mounting hardware
HZXW7
Aluminum bracket
HZXW4
Stainless steel bracket with pipe clamp
Bracket
Pipe clamp
Mounting hardware
HZXW8
Aluminum bracket with pipe clamp
Safety Cable Kit
HZXSAFEKIT
Safety cable kit
2 Eyelets
2 Safety cables
Mounting Hardware
HZXSAFETABS
Safety Tabs
2 Eyelets
Mounting Hardware
Conduit
Pipe Clamp
Stanchion
Junction Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com