Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDRH80D38/AA Datasheet(PDF) 39 Page - Sumida Corporation

Part # CDRH80D38/AA
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH80D38/AA Datasheet(HTML) 39 Page - Sumida Corporation

Back Button CDRH80D38/AA Datasheet HTML 35Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 36Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 37Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 38Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 39Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 40Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 41Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 42Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 43Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
DC-DC Converter Transformers
PIN Type PFC Choke Coils
OUTLINE
Low profile and power factor improvement type. It's avairable for large-size flat TV power.
EER359
Specifications
EER3812
: Min. 65kHz
: 85~264V (AC)
: 4.8A (@200
µH) ※Saturation current depends on wingding turuns and AL value.
Frequency range
Input voltage
Saturation current
: Min. 65kHz
: 85~264V (AC)
: 6.2A (@200
µH) ※Saturation current depends on wingding turuns and AL value.
Frequency range
Input voltage
Saturation current
Specifications
NEW
NEW
Max.33.5
Max.14.0
Max.3.5
41.8
Max.30.0
Max.10.0
Max.3.4
40.8
DC-DC Converter Transformers < PIN Type PFC Choke Coils >
/ 概要
低背型力率改善用チョーク。大型薄型TV用電源に最適。
磁気構造図
DIMENSIONS (mm)
外形寸法図
CONSTRUCTION
磁気構造図
DIMENSIONS (mm)
外形寸法図
CONSTRUCTION
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com