Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDRH80D38/AA Datasheet(PDF) 57 Page - Sumida Corporation

Part # CDRH80D38/AA
Description  GENERAL PRODUCTS CATALOG
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH80D38/AA Datasheet(HTML) 57 Page - Sumida Corporation

Back Button CDRH80D38/AA Datasheet HTML 53Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 54Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 55Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 56Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 57Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 58Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 59Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 60Page - Sumida Corporation CDRH80D38/AA Datasheet HTML 61Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 156 page
background image
57
EI-35
Application
: Max. 100kHz
: 38.0W (100kHz)
Operating Freq
Max. Operating Power
Specifications
1. Switching regulator
DC-DC Converter Transformers < PIN type & Multiple Output Transformers >
Max. 36.5
7.0
Max. 33.5
4-5.0
: Max. 300kHz
: 29.0W (100kHz), 67.0W (300kHz)
Operating Freq
Max. Operating Power
Application
1. Switching regulator
Specifications
EI-30
Max. 33.0
6.0
Max. 32.0
4-5.0
DIMENSIONS (mm)
CONSTRUCTION
: Max. 32mH
: Max. 300kHz
: 60W (100kHz), 96W (300kHz)
Inductance
Operating Freq
Max. Operating Power
Application
Specifications
ERH3526
1. Switching regulator
PROVISIONAL
About ERH3526
This specification might be changed without notice due to under developing and improving. Please contact us for our mass production schedule.Thank you for your understanding.
Max. 38.0
Max. 30.0
30.0
4.0
DIMENSIONS (mm)
CONSTRUCTION
本仕様は開発中につき、製品の改善等により記載内容を予告なく変更することがありますので、
ご了承下さい。量産時期についてはお問合せ下さい。
ER3023
Application
1. Switching regulator
2. Gate bias isolation for automotive
1. Switching regulator
2. Gate bias isolation for FA
: Max. 500kHz
: 20W (500kHz)
Operating Freq
Max. Operating Power
Specifications
ER3925
Application
: Max. 500kHz
: 40.0W (500kHz)
Operating Freq
Max. Operating Power
Specifications
3.5
17.5
Max. 26.0
Max. 25.0
Max. 26.0
23.5
3.5
Max. 30.0
DIMENSIONS (mm)
CONSTRUCTION
DIMENSIONS (mm)
CONSTRUCTION
磁気構造図
外形寸法図
磁気構造図
外形寸法図
磁気構造図
DIMENSIONS (mm)
外形寸法図
CONSTRUCTION
磁気構造図
外形寸法図
磁気構造図
外形寸法図



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com