Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90867APF Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB90867APF
Description  16-bit general-purpose microcontroller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867APF Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB90867APF Datasheet HTML 5Page - fujitsu semiconductor MB90867APF Datasheet HTML 6Page - fujitsu semiconductor MB90867APF Datasheet HTML 7Page - fujitsu semiconductor MB90867APF Datasheet HTML 8Page - fujitsu semiconductor MB90867APF Datasheet HTML 9Page - fujitsu semiconductor MB90867APF Datasheet HTML 10Page - fujitsu semiconductor MB90867APF Datasheet HTML 11Page - fujitsu semiconductor MB90867APF Datasheet HTML 12Page - fujitsu semiconductor MB90867APF Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
MB90860A Series
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
92
94
P15
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD13
I/O pin for bit 13 of the external address/data bus.
This function is enabled when the external bus is enabled.
SIN4
Serial data input pin for UART4 (MB90V340 only)
93
95
P16
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD14
I/O pin for bit 14 of the external address/data bus.
This function is enabled when the external bus is enabled.
SOT4
Serial data output pin for UART4 (MB90V340 only)
94
96
P17
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD15
I/O pin for bit 15 of the external address/data bus. This function
is enabled when the external bus is enabled.
SCK4
Clock I/O pin for UART4 (MB90V340 only)
95 to 98
97 to 100
P20 to P23
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor.In external bus mode, the pin is
enabled as a general-purpose I/O port when the corresponding
bit in the external address output control register (HACR) is 1.
A16 to A19
Output pins for A16 to A19 of the external address bus. When
the corresponding bit in the external address output control
register (HACR) is 0, the pins are enabled as high address
output pins (A16 to A19).
PPG9,PPGB,
PPGD,PPGF
Output pins for PPGs
99 to 2
1 to 4
P24 to P27
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor.In external bus mode, the pin is
enabled as a general-purpose I/O port when the corresponding
bit in the external address output control register (HACR) is 1.
A20 to A23
Output pins for A20 to A23 of the external address bus. When
the corresponding bit in the external address output control
register (HACR) is 0, the pins are enabled as high address
output pins (A20 to A23).
IN0 to IN3
Data sample input pins for input captures ICU0 to ICU3
35
P30
G
General purpose I/O.The register can be set to select whether
to use a pull-up resistor.This function is enabled in single-chip
mode.
ALE
Address latch enable output pin. This function is enabled when
the external bus is enabled.
IN4
Data sample input pin for input capture ICU4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com