Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90867APF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90867APF
Description  16-bit general-purpose microcontroller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867APF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90867APF Datasheet HTML 17Page - fujitsu semiconductor MB90867APF Datasheet HTML 18Page - fujitsu semiconductor MB90867APF Datasheet HTML 19Page - fujitsu semiconductor MB90867APF Datasheet HTML 20Page - fujitsu semiconductor MB90867APF Datasheet HTML 21Page - fujitsu semiconductor MB90867APF Datasheet HTML 22Page - fujitsu semiconductor MB90867APF Datasheet HTML 23Page - fujitsu semiconductor MB90867APF Datasheet HTML 24Page - fujitsu semiconductor MB90867APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
MB90860A Series
21
s BLOCK DIAGRAMS
MB90V340(S)
RAM 30 K
UART
Prescaler
10-bit ADC
24 ch
16-bit Reload
Timer 4 ch
IO Timer 0
Clock
Controller
Input
Capture
8 ch
Output
Compare
8 ch
CAN
Controller
External
Interrupt
16LX
CPU
X0,X1
RST
SOT4 to SOT0
SCK4 to SCK0
SIN4 to SIN0
AVCC
AVSS
AN23 to AN0
AVRH
AVRL
ADTG
TIN3 to TIN0
TOT3 to TOT0
IN7 to IN0
OUT7 to OUT0
RX2 to RX0
TX2 to TX0
INT15 to INT8
External
Bus
Interface
AD15 to AD00
A23 to A16
ALE
RD
WRL
WRH
HRQ
HAK
RDY
CLK
X0A,X1A*
5 ch
10-bit
DAC
2 ch
DA01, DA00
IO Timer 1
FRCK0
FRCK1
8/16-bit
PPG
16 ch
PPGF to PPG0
I2C
Interface
SDA1, SDA0
SCL1, SCL0
3 ch
5 ch
2 ch
DMAC
* : Only for MB90V340 ( without ‘S’ Suffix )
Clock
Monitor
CKOT
(INT15R to INT8R)
INT7 to INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com