Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7393EBZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7393EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393EBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7393EBZ Datasheet HTML 55Page - Analog Devices ADV7393EBZ Datasheet HTML 56Page - Analog Devices ADV7393EBZ Datasheet HTML 57Page - Analog Devices ADV7393EBZ Datasheet HTML 58Page - Analog Devices ADV7393EBZ Datasheet HTML 59Page - Analog Devices ADV7393EBZ Datasheet HTML 60Page - Analog Devices ADV7393EBZ Datasheet HTML 61Page - Analog Devices ADV7393EBZ Datasheet HTML 62Page - Analog Devices ADV7393EBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 59 of 96
SD ACTIVE VIDEO EDGE CONTROL
Subaddress 0x82, Bit 7
The ADV739x is able to control fast rising and falling signals at
the start and end of active video to minimize ringing.
When the active video edge control feature is enabled
(Subaddress 0x82, Bit 7 = 1), the first three pixels and the last
three pixels of the active video on the luma channel are scaled
so that maximum transitions on these pixels are not possible.
At the start of active video, the first three pixels are multiplied
by ⅛, ½, and ⅞, respectively. Approaching the end of active
video, the last three pixels are multiplied by ⅞, ½, and ⅛,
respectively. All other active video pixels pass through
unprocessed.
100 IRE
0 IRE
100 IRE
12.5 IRE
87.5 IRE
0 IRE
50 IRE
LUMA CHANNEL WITH
ACTIVE VIDEO EDGE
DISABLED
LUMA CHANNEL WITH
ACTIVE VIDEO EDGE
ENABLED
Figure 83. Example of Active Video Edge Functionality
VOLTS
024
F2
L135
68
10
12
IRE:FLT
–50
0
0
50
100
0.5
Figure 84. Example of Video Output with Subaddress 0x82, Bit 7 = 0
VOLTS
02
–2
4
6
8
10
12
F2
L135
IRE:FLT
–50
0
50
100
0
0.5
Figure 85. Example of Video Output with Subaddress 0x82, Bit 7 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com