Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV7393EBZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7393EBZ
Description  Low Power, Chip Scale 10-Bit SD/HD Video Encoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7393EBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7393EBZ Datasheet HTML 16Page - Analog Devices ADV7393EBZ Datasheet HTML 17Page - Analog Devices ADV7393EBZ Datasheet HTML 18Page - Analog Devices ADV7393EBZ Datasheet HTML 19Page - Analog Devices ADV7393EBZ Datasheet HTML 20Page - Analog Devices ADV7393EBZ Datasheet HTML 21Page - Analog Devices ADV7393EBZ Datasheet HTML 22Page - Analog Devices ADV7393EBZ Datasheet HTML 23Page - Analog Devices ADV7393EBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
ADV7390/ADV7391/ADV7392/ADV7393
Rev. 0 | Page 20 of 96
FREQUENCY (MHz)
Y RESPONSE IN SD OVERSAMPLING MODE
0
–50
–80
0
20
40
60
80
100
120
140
160
180
200
–10
–40
–60
–70
–20
–30
Figure 31. SD 16× Oversampling, Y Filter Response
FREQUENCY (MHz)
0
12
10
8
6
4
2
0
–10
–30
–50
–60
–70
–20
–40
Figure 32. SD Luma SSAF Filter Response up to 12 MHz
FREQUENCY (MHz)
4
7
2
–2
–6
–8
–12
0
–4
5
–10
6
0
1
23
4
Figure 33. SD Luma SSAF Filter, Programmable Responses
FREQUENCY (MHz)
7
5
4
2
1
–1
3
5
0
6
0
1
23
4
Figure 34. SD Luma SSAF Filter, Programmable Gain
FREQUENCY (MHz)
7
1
0
–2
–3
–5
–1
5
–4
6
0
1
23
4
Figure 35. SD Luma SSAF Filter, Programmable Attenuation
FREQUENCY (MHz)
0
12
–10
–30
–50
–60
–70
–20
–40
10
8
4
6
2
0
Figure 36. SD Luma CIF Low-Pass Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com