Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844251I-14 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS844251I-14
Description  FemtoClock™ Crystal-to-LVDS Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844251I-14 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS844251I-14 Datasheet HTML 2Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 3Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 4Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 5Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 6Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 7Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 8Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 9Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICS844251BGI-14 REVISION A June 6, 2016
6
©2016 Integrated Device Technology, Inc.
ICS844251I-14 Data Sheet
FEMTOCLOCK™ CRYSTAL-TO-LVDS CLOCK GENERATOR
Parameter Measurement Information
LVDS Output Load AC Test Circuit
Output Rise/Fall Time
DIFFERENTIAL OUTPUT VOLTAGE SETUP
RMS Phase Jitter
Output Duty Cycle/Pulse Width/Period
OFFSET VOLTAGE SETUP
SCOPE
Qx
nQx
2.5V±5%
POWER SUPPLY
+–
Float GND
VDD
VDDA
20%
80%
80%
20%
tR
t F
VOD
nQ
Q
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
nQ
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com