Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS844251I-14 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ICS844251I-14
Description  FemtoClock™ Crystal-to-LVDS Clock Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS844251I-14 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ICS844251I-14 Datasheet HTML 4Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 5Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 6Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 7Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 8Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 9Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 10Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 11Page - Renesas Technology Corp ICS844251I-14 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ICS844251BGI-14 REVISION A June 6, 2016
8
©2016 Integrated Device Technology, Inc.
ICS844251I-14 Data Sheet
FEMTOCLOCK™ CRYSTAL-TO-LVDS CLOCK GENERATOR
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS844251I-14 provides
separate power supplies to isolate any high switching noise from the
outputs to the internal PLL. VDD and VDDA should be individually
connected to the power supply plane through vias, and 0.01µF
bypass capacitors should be used for each pin. Figure 3 illustrates
this for a generic VDD pin and also shows that VDDA requires that an
additional 10
 resistor along with a 10F bypass capacitor be
connected to the VDDA pin.
Figure 3. Power Supply Filtering
2.5V LVDS Driver Termination
Figure 4 shows a typical termination for LVDS driver in characteristic
impedance of 100
 differential (50 single) transmission line
environment. For buffer with multiple LVDS driver, it is recommended
to terminate the unused outputs.
Figure 4. Typical LVDS Driver Termination
VDD
VDDA
2.5V
10
Ω
10µF
.01µF
.01µF
2.5V
LVDS Driver
R1
100
Ω
–
+
2.5V
50
Ω
50
Ω
100
Ω Differential Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com