Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF147 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF147 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BLF147 Datasheet HTML 4Page - NXP Semiconductors BLF147 Datasheet HTML 5Page - NXP Semiconductors BLF147 Datasheet HTML 6Page - NXP Semiconductors BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors BLF147 Datasheet HTML 10Page - NXP Semiconductors BLF147 Datasheet HTML 11Page - NXP Semiconductors BLF147 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
September 1992
8
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF147
List of components (class-AB test circuit)
Notes
1. American Technical Ceramics (ATC) capacitor, type 100B or other capacitor of the same quality.
2. The striplines are on a double copper-clad printed circuit board, with PTFE fibre-glass dielectric (
ε
r = 2.2),
thickness 1.6 mm.
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
C1, C3, C13, C14
film dielectric trimmer
7 to 100 pF
2222 809 07015
C2, C8, C9
multilayer ceramic chip capacitor
(note 1)
75 pF
C4, C5
multilayer ceramic chip capacitor
100 nF
2222 852 47104
C6
multilayer ceramic chip capacitors in
parallel
3
× 100 nF
2222 852 47104
C7
electrolytic capacitor
2.2
µF, 63 V
C10
multilayer ceramic chip capacitor
(note 1)
100 pF
C11, C12
multilayer ceramic chip capacitor
(note 1)
150 nF
C15
multilayer ceramic chip capacitor
(note 1)
240 pF
L1
6 turns enamelled 0.7 mm copper
wire
145 nH
length 5 mm;
int. dia. 6 mm;
leads 2
× 5 mm
L2, L3
stripline (note 2)
41.1
Ω
length 13
× 6 mm
L4
4 turns enamelled 1.5 mm copper
wire
148 nH
length 8 mm;
int. dia. 10 mm;
leads 2
× 5 mm
L5, L6
grade 3B Ferroxcube wideband HF
choke
4312 020 36642
L7
3 turns enamelled 2.2 mm copper
wire
79 nH
length 8 mm;
int. dia. 8 mm;
leads 2
× 5 mm
R1, R2
1 W metal film resistor
19.6
Ω
2322 153 51969
R3
0.4 W metal film resistor
10 k
Ω
2322 151 71003
R4
0.4 W metal film resistor
1 M
Ω
2322 151 71005
R5
1 W metal film resistor
10
Ω
2322 153 51009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com