Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLF147 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BLF147
Description  VHF power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF147 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BLF147 Datasheet HTML 4Page - NXP Semiconductors BLF147 Datasheet HTML 5Page - NXP Semiconductors BLF147 Datasheet HTML 6Page - NXP Semiconductors BLF147 Datasheet HTML 7Page - NXP Semiconductors BLF147 Datasheet HTML 8Page - NXP Semiconductors BLF147 Datasheet HTML 9Page - NXP Semiconductors BLF147 Datasheet HTML 10Page - NXP Semiconductors BLF147 Datasheet HTML 11Page - NXP Semiconductors BLF147 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
September 1992
9
Philips Semiconductors
Product specification
VHF power MOS transistor
BLF147
Fig.14 Gain as a function of frequency, typical
values.
Class-AB operation; VDS = 28 V; IDQ = 1 A;
RGS = 6.25 Ω; PL = 150 W (PEP); RL = 2.1 Ω.
handbook, halfpage
0
30
20
10
0
10
20
30
MGP058
GP
(dB)
f (MHz)
Fig.15 Input impedance as a function of frequency
(series components), typical values.
Class-AB operation; VDS = 28 V; IDQ = 1 A;
RGS = 6.25 Ω; PL = 150 W (PEP); RL = 2.1 Ω.
handbook, halfpage
0
10
5
0
−5
10
20
xi
ri
30
MGP059
Zi
(
Ω)
f (MHz)
Fig.16 Input impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; IDQ = 0.2 A;
RGS = 15 Ω; PL = 150 W.
handbook, halfpage
0
50
100
200
4
2
−2
−4
0
150
ri
xi
MGP061
Zi
(
Ω)
f (MHz)
Fig.17 Load impedance as a function of frequency
(series components), typical values.
Class-B operation; VDS = 28 V; IDQ = 0.2 A;
RGS = 15 Ω; PL = 150 W.
handbook, halfpage
0
50
100
200
3
2
0
−1
1
150
RL
XL
MGP062
ZL
(
Ω)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com