Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS402-01XX Datasheet(PDF) 9 Page - Microchip Technology

Part # PS402-01XX
Description  Single Chip Battery Manager - Nickel Chemistries
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS402-01XX Datasheet(HTML) 9 Page - Microchip Technology

Back Button PS402-01XX Datasheet HTML 5Page - Microchip Technology PS402-01XX Datasheet HTML 6Page - Microchip Technology PS402-01XX Datasheet HTML 7Page - Microchip Technology PS402-01XX Datasheet HTML 8Page - Microchip Technology PS402-01XX Datasheet HTML 9Page - Microchip Technology PS402-01XX Datasheet HTML 10Page - Microchip Technology PS402-01XX Datasheet HTML 11Page - Microchip Technology PS402-01XX Datasheet HTML 12Page - Microchip Technology PS402-01XX Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
 2003 Microchip Technology Inc.
DS21766A-page 9
PS402-01XX
TABLE 3-1:
WakeUp
TABLE 3-2:
WakeUp VOLTAGE
TABLE 3-3:
POWER OPERATIONAL MODE SUMMARY
Bit
Name
Function
6
WakeIO
Wake-up from I/O activity
5
WakeBus
Wake-up from SMBus activity
4
WakeCurr
Wake-up from Current
3
WakeVolt
Wake-up from Voltage
2:0
WakeLevel
Defines Wake Voltage Level
WakeUp (2:0)
Voltage
Purpose
000
6.4V
2 cells Li-Ion
001
6.66V
6 cells NiMH
010
8.88V
8 cells NiMH
011
9.6V
3 cells Li-Ion
100
9.99V
9 cells NiMH
101
11.1V
10 cells NiMH
110
12.8V
4 cells Li-Ion
111
13.3V
12 cells NiMH
Mode
Entry
Exit
Notes
Run
Measured current
> preset threshold
(set by SampleLimit)
Measured current
< preset threshold
(set by SampleLimit)
Highest power consumption and
accuracy for rapidly changing
current.
Sample
Measured current
< preset threshold
(set by SampleLimit)
Measured current
> preset threshold
(set by SampleLimit)
Saves power for low, steady current
consumption. Not as many
measurements needed.
Low Voltage
SLEEP
VC(1) < SleepVPack
AND in Sample Mode
WakeUp condition met
No measurements made when
battery voltage is very low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com