Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GFAB3
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GFAB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 2Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 3Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 4Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 5Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 6Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 7Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 8Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
FAB Series
27
SAB/
SVB
Explosion
proof
For
dry air
HVB/
HVL
NP/NAP/
NVP
PD/FAD/
PJ
CVE/
CVSE
CPE/
CPD
Custom
order
Medical
analysis
Other G.P.
systems
HNB/G
USB/G
FAB/G
FGB/G
FVB
FWB/G
FHB
FLB
AB
AG
AP/AD
CHB/G
MXB/G
APK/
ADK
Note on model no. selection
*1: For the FAB51 orifice
φ4mm (item (D) 5),φ5mm (item (D) 6), only the
Rc3/8 (item (C) 10) bore size is available.
*2: For item (E) 1, only NC is available. For item (E) 0, only NO is available.
*3: For FAB11 item (F) 2G, the compact terminal box (G1/4) is used.
*4: For FAB21 item (F) 2G and 2HS, the compact terminal box (Pg9) is used.
*5: For item (F) 2CS, the surge suppressor is built into the coil, and for 2HS
and 3RS, it is built into the terminal box.
*6: Only the NC (normally closed) type manual override is available.
*7: Consult with CKD for other voltages that cannot be manufactured.
<Example of model number>
FAB21-6-1-12CAB-1
Model: FAB
A Size variation
: 22 mm
B Actuation
: NC (normally closed) type
C Port size
: Rc 1/8
D Orifice
:
1.5
E Body, sealant combination
: Body - aluminum, sealant - NBR
F Coil option
: Grommet lead wire
G Manual override : Manual lock type
H Other options
: Mounting plate
I Voltage
: 100 VAC 50/60Hz, 110 VAC 60Hz
How to order
Voltage
*7
F
A
A
B
1
Working fluid
(Compressed air)
Other
options
No. of port
(2 port valve)
A Size variation
B Actuation
C Port size
*1
*2
D Orifice
E Body, sealant combination
*3
*4
*5
F Coil option
G
B
2
1
6
1
2C
1
H
I
Manual
override
*6
Descriptions
Symbol
1
2
3
4
5
18 mm
22 mm
28 mm
34 mm
40 mm
Standard
Standard
Standard
Grommet lead wire
Grommet lead wire with
surge suppressor
DIN terminal box (Pg11)
DIN terminal box with light
and surge suppressor (Pg11)
Conduit (CTC19)
Conduit (G1/2)
T type terminal box (G1/2)
T type terminal box with light
and surge suppressor (G1/2)
None
Manual lock type
Manual non-locking type
None
Mounting plate
NC
NO
Actuation
NBR
NBR
Sealant
Body
Aluminum
Brass
11
F
A
B
F
A
B
F
A
B
F
A
B
F
A
B
F
A
B
1
2
NC (normally closed) type
NO (normally open) type
M5
6
8
10
15
M5
Rc 1 / 8
Rc 1 / 4
Rc 3 / 8
Rc 1 / 2
Z
1
2
3
5
6
7
8
1
0
2C
2CS
2G
2HS
2CG
2CH
3T
3RS
Blank
A
N
Blank
B
1
2
3
4
1
1.5
2
3
4
5
7
10
100 VAC 50/60Hz, 110 VAC 60Hz
200 VAC 50/60Hz, 220 VAC 60Hz
24 VDC
12 VDC
F
A
B
F
A
B
2131 41 5132 42 52
For voltages other than the above, write in the voltage directly.
Model no.
Select from the combination of
marks in the above table.
A
I
H
G
F
E
D
C
B
Actuation
Size variation
Port size
Coil option
Body, sealant combination
Orifice
Manual override
Other options
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com