Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFAB3 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GFAB3
Description  Discrete direct acting 2 port solenoid valve for compressed air, manifold
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GFAB3 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GFAB3 Datasheet HTML 9Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 10Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 11Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 12Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 13Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 14Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 15Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 16Page - List of Unclassifed Manufacturers GFAB3 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
38
Discrete direct acting 3 port solenoid valve for compressed air
(special purpose valve)
FAG Series
Universal type, NC pressurization type
Port size: M5, Rc1/8, Rc1/4, Rc3/8
Common specifications
Descriptions
Compressed air
0 to 1.4
(Refer to the maximum working pressure differential on the individual specifications)
2.1 (1.5 for FAG11/FAG21)
AC: -10 to 60, DC: -10 to 40 (no freezing)
AC: -20 to 60, DC: -20 to 40
B
No corrosive gas and flammable
Direct acting poppet structure
0.2 or less
Free
IP65 or equivalent (Note 1)
0.8
1.5
1
2
1.5
2
3
2
3
4
2
3
4
1.5
2
3
2
3
4
0.08
0.28
0.13
0.52
0.32
0.55
1.2
0.55
1.2
2.1
0.55
1.2
2.1
0.32
0.55
1.2
0.55
1.2
2.1
0.61
0.40
0.58
0.54
0.58
0.48
0.57
0.48
0.57
0.48
0.48
0.57
0.48
0.58
0.48
0.57
0.48
0.57
0.48
0.7
0.2
0.7
0.15
0.7
0.4
0.2
0.7
0.3
0.15
1.2 (0.6)
0.6 (0.3)
0.3 (0.15)
1.0
0.7
0.3
1.2
0.6
0.3
FAG
MPa
MPa
cm3/min. (ANR)
Individual specifications
Port size
Orifice
(mm)
50Hz
3.4
5.3
7.5
15
20
7.5
15
Voltage
Model no.
FAG1
FAG2
FAG3/4/5
2mA or less
3mA or less
6mA or less
1mA or less
1.5mA or less
3mA or less
1mA or less 2mA or less
100 VAC
200 VAC
24 VDC
12 VDC
1.0
1.4
1.4
2.6
5
4.6
2.3/1.6
Rc 1/8
M5
Rc 1/8
Rc 1/4
Rc 1/8
Rc 1/4
Rc 1/4
Rc 3/8
Rc 1/4
Rc 3/8
Rc 1/4
Rc 3/8
100 VAC
50/60Hz
110 VAC
60Hz
200 VAC
50/60Hz
220 VAC
60Hz
24 VDC
12 VDC
100 VAC
50/60Hz
110 VAC 60Hz
200 VAC
50/60Hz
220 VAC 60Hz
24 VDC
12 VDC
3
0.09
3.7
10
9
2.7/2
4
0.14
5.5
20
17
4/3.4
6.5
0.23
11
40
35
7.5/6.5
8
0.43
16
55
45
11/9.5
11.5 0.63
5.5
20
17
4/3.4
6.5
0.23
11
40
35
7.5/6
8
0.43
60Hz 50Hz
50Hz/60Hz
60Hz
AC
DC
Weight
(kg)
Max. working
pressure
MPa
Rated
voltage
Power consumption (W)
At holding At starting
Max. working
pressure
differential
MPa
Rated electric power (VA)
Descriptions
Model no.
NC pressurization
type
Working fluid
Working pressure
differential range
Withstanding pressure (water pressure)
Fluid temperature
Ambient temperature
Heat proof class
Atmosphere
Valve structure
Valve seat leakage
Installation attitude
Protective structure
*1: Use the allowable voltage fluctuation range within
10%
of the rated voltage.
*2: The maximum working pressure difference at FAG51 NO pressurization
is shown in parentheses.
*3: The leakage current must be less than values given at right.
*4: Effective sectional area S and sonic conductance C are converted
as S
5.0 x C.
COM
NO NC
COM
NO NC
Universal type
FAG11 - M5- Y
- 0
FAG21 - 6 - Z
- 1
FAG31 -
- 0
- 1
- 4
FAG41 -
- 1
- 4
- 8
FAG51 -
- 1
- 4
- 8
FAG33 -
- 0
- 1
- 4
FAG43 -
- 1
- 4
- 8
NC pressurization type
8
10
6
8
8
10
6
8
8
10
b
Flow characteristics
C[dm3/(s bar)]
JIS symbol
Universal type
Note 1: The T-type terminal box type is IP61 or equivalent, and the FAG11 compact terminal box type is IP40 or equivalent.
Refer to Ending 17 for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com