Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S71PL032J04BAWTZ2 Datasheet(PDF) 22 Page - SPANSION

Part # S71PL032J04BAWTZ2
Description  Based MCPs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL032J04BAWTZ2 Datasheet(HTML) 22 Page - SPANSION

Back Button S71PL032J04BAWTZ2 Datasheet HTML 16Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 17Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 18Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 19Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 20Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 21Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 22Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 23Page - SPANSION S71PL032J04BAWTZ2 Datasheet HTML 24Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
20
S71PL-J Based MCPs
S71PL-J_00_B3 March 17, 2006
Ad van c e
Inf o rmation
Replaced “S71PL064JA0-0Z” with
Added row with the following content:S71PL064JB0-07; 65; 32M pSRAM; 70; Psram
1; TLC056.
“32Mb Flash Memory” on page 3
Replaced “S71PL032JA0-08” with “S71PL032JA0-0F”.
“64Mb Flash Memory” on page 3
Replaced “S71PL032JA0-07” with “S71PL032JA0-0K”.
“128Mb Flash Memory” on page 4
Added row with the following content: S71PL127JB0-9; 65; 32M pSRAM; 70;
pSRAM; TLA064.
Replaced “S71PL127JB0-97” with “S71PL127JB0-9Z”.
Added row with the following content: S71PL127JC0-97; 65; 64M pSRAM; 70;
pSRAM1; TLA064.
Replaced “S71PL127JC0-9P” with “S71PL127JC0-9Z”.
In the S71Pl254JB0-TB row changed pSRAM type from “pSRAM3” to “pSRAM2”.
“256Mb Flash Memory (2xS29PL127J)” on page 4
Added row with the following content: S71PL254JB0-TB; 65; 32M pSRAM; 70;
pSRAM3; FTA084.
Added row with the following content: S71PL254JC0-TB; 65; 64M pSRAM; 70;
pSRAM2; FTA084.
“Connection Diagram (S71PL127J)” on page 12
Updated pins D8, D9, and L5.
Added notes 2 and 3 to drawing.
“Connection Diagram (S71PL254J)” on page 13
Updated pins D8 and D9.
Added Note 2 to drawing.
“S71PL032J Valid Combinations” on page 16
Changed S71PL032J08 (p)SRAM Type Access Time (ns) from “SRAM1” to
“SRAM2” (4 changes made in table).
Changed S71PL032JA0 (p)SRAM Type Access Time (ns) from “SRAM3 / 70” to
pSRAM3 /70”.
Deleted all cells with the following collaborated text: “BAW,BFW, BAI. BFI”.
Merged previous place holder with cell above.
“S71PL064J Valid Combinations” on page 17
In (p)SRAM Type/Access Time (ns) changed all instances of “stet” to “pSRAM1/
70”.
In Package Modifier/Model Number changed all instances of “stet” to “07”.
Added row to BAW Package and Temperature sections with the following content:
S71PL064JB0; 07; 65 (previously inclusive); pSRAM1/70.
“S71PL127J Valid Combinations” on page 18
Changed the S71PL127JA0 Package Modifier/Model Number from “9Z” to “9P” (4
instances).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com