Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC1408D750 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # DAC1408D750
Description  Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DAC1408D750 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button DAC1408D750 Datasheet HTML 72Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 73Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 74Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 75Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 76Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 77Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 78Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 79Page - Renesas Technology Corp DAC1408D750 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
DAC1408D750 4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
76 of 96
Integrated Device Technology
DAC1408D750
2
, 4 or 8 interpolating DAC with JESD204A
Table 139. DBG_CNTRL register (address 1Eh) bit description
Bit
Symbol
Access
Value
Description
7
BER_MODE
R/W
simple BER-measurement
0
no action
1
simple BER-measurement enabled
6
INTR_CLEAR
R/W
interrupts clear
0
no action
1
clear interrupts (to '1')
5 to 3
INTR_MODE[2:0]
R/W
interrupt settings
000
global interrupt depends on lane 0
001
global interrupt depends on lane 1
010
global interrupt depends on lane 2
011
global interrupt depends on lane 3
100
global interrupt depends on lane 0 or lane 1
101
global interrupt depends on lane 2 or lane 3
110
global interrupt depends on lane 0 or lane 1 or
lane 2 or lane 3
111
no interrupt
Table 140. PAGE_ADDRESS register (address 1Fh) bit description
Bit
Symbol
Access
Value
Description
2 to 0
PAGE[2:0]
R/W
0h
page_address
Table 141. Counter source
Default settings are shown highlighted.
SEL_CFC_LNn[2:0]
Source
000
not-in-table error
001
disparity error
010
K symbol found
011
unexpected K symbol found
100
K28_7 (/F/) symbol found
101
K28_5 (/K/) symbol found
110
K28_3 (/A/) symbol found
111
K28_0 (/R/) symbol found
Table 142. Code group synchronization state machine
CS_STATE_LNn[1:0]
Definition
00
looking for K28_5 (/K/) symbol
01
four consecutive K28_5 (/K/) symbols have
been received
10
code group synchronization achieved
11
not applicable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com