Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGP5C103JLSDBA7301 Datasheet(PDF) 16 Page - Kemet Corporation

Part # CGP5C103JLSDBA7301
Description  General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CGP5C103JLSDBA7301 Datasheet(HTML) 16 Page - Kemet Corporation

Back Button CGP5C103JLSDBA7301 Datasheet HTML 12Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 13Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 14Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 15Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 16Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 17Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 18Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 19Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1127_CGP • 3/29/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Leaded Ceramic Disc Capacitors
General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
Marking
These capacitors shall be laser marked with KEMET's trademark, type designation, capacitor class, rated voltage, rated
capacitance, and capacitance tolerance codes. In addition, all devices are marked with the recognized approval mark and a
date/lot code for traceability. Marking will be supplied on one side of the encapsulated capacitor body. All marking shall be
legible to allow for clear identification of the component. Marking appears in legible contrast. Illustrated below is an example
of the marking format and content.
Note: KEMET has changed the part number ID in 2023 along with the marking (From KHB and KHC to SL, Y5P, Y5U and
Y5V). No changes to materials, processes or testing has been done, just changes to marking and part number ID format.
Customers might receive material with KHA, KHB, or KHC depending on the date code.
Rated
Capacitance
(3 Numeric
Characters)
Dielectric
(2 or 3 Characters)
Capacitance
Tolerance Code
(1 Character)
Capacitor Rated
DC Voltage
(3 Characters)
KEMET
Trademark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com