Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGP5C103JLSDBA7301 Datasheet(PDF) 18 Page - Kemet Corporation

Part # CGP5C103JLSDBA7301
Description  General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

CGP5C103JLSDBA7301 Datasheet(HTML) 18 Page - Kemet Corporation

Back Button CGP5C103JLSDBA7301 Datasheet HTML 13Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 14Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 15Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 16Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 17Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 18Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 19Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 20Page - Kemet Corporation CGP5C103JLSDBA7301 Datasheet HTML 21Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
C1127_CGP • 3/29/2023
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
Radial Leaded Ceramic Disc Capacitors
General Purpose Disc, CGP Series, 1,000 - 10,000 VDC (Commercial Grade)
Figure 1 - Ammo/Reel Pack Taping Format
5 mm and 7.5 mm Lead Spacing:
L
P1
P2
P
F
e
D
P0
W0
W2
W1
W
ØD0
Ød
∆S
ℓ
5 mm, 7.5 mm, 10 mm and 12.5 mm Lead Spacing:
L
P1
P2
P
F
e
D
P0
W0
W2
W1
W
ØD0
Ød
∆S
ℓ
Table 3 – Ammo/Reel Pack Taping Specifications
1
Preformed (crimped) lead configurations include vertical kink, outside kink, and inside kink. See "Lead Configurations" and "Ordering Information"
sections of this document for further details.
2
Also referred to as "lead length" in this document.
Lead Spacing
5 mm
7.5 mm
10 mm
12.5 mm
Lead Style
Straight
Preformed1
Straight
Preformed1
Straight
Preformed1
Straight
Preformed1
Item
Symbol
Dimensions (mm)
Lead Spacing
F
5.0 ±1.0
7.5 ±1.0
10.0 ±1.0
12.5 ±1.0
Component Pitch
P
12.7 ±1.0 25.4 ±2.0 12.7 ±1.0 25.4 ±2.0 12.7 ±1.0 25.4 ±2.0 12.7 ±1.0 25.4 ±2.0
25.4 ±2.0
25.4 ±2.0
Sprocket Hole Pitch
P
0
12.7 ±0.3
12.7 ±0.3
12.7 ±0.3
12.7 ±0.3
Sprocket Hole Center to
Component Center
P
2
6.35 ±1.5 12.7 ±1.5 6.35 ±1.5 12.7 ±1.5 6.35 ±1.5 12.7 ±1.5 6.35 ±1.5 12.7 ±1.5
12.7 ±1.5
12.7 ±1.5
Sprocket Hole Center to
Lead Center
P
1
3.85 ±0.7 10.2 ±1.5 3.85 ±0.7 10.2 ±1.5
2.6 ±0.7
8.95 ±1.5
2.6 ±0.7
8.95 ±1.5
7.7 ±1.5
6.45 ±1.5
Body Diameter
D
See "Product Ordering Codes and Ratings" section of this document.
Component Alignment
(side/side)
∆S
0 ±2.0
Carrier Tape Width
W
18.0 +1.0/−0.5
Sprocket Hole Position
W
1
9.0 ±0.5
For All Lead Spacing:
0
T maximum
Marking Side
∆h1
∆h2
t2
t1
H0
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com