Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SE030 Datasheet(PDF) 9 Page - Pico Technology Ltd.

Part # SE030
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE030 Datasheet(HTML) 9 Page - Pico Technology Ltd.

Back Button SE030 Datasheet HTML 3Page - Pico Technology Ltd. SE030 Datasheet HTML 4Page - Pico Technology Ltd. SE030 Datasheet HTML 5Page - Pico Technology Ltd. SE030 Datasheet HTML 6Page - Pico Technology Ltd. SE030 Datasheet HTML 7Page - Pico Technology Ltd. SE030 Datasheet HTML 8Page - Pico Technology Ltd. SE030 Datasheet HTML 9Page - Pico Technology Ltd. SE030 Datasheet HTML 10Page - Pico Technology Ltd. SE030 Datasheet HTML 11Page - Pico Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
USB TC-08 thermocouple data logger
General (continued)
PC requirements (PicoLog Cloud app)
Windows, macOS, Linux or Raspberry Pi OS. For supported OS versions, see PicoLog 6 Release Notes.
Hardware as required by the operating system.
PC requirements (viewer)
Any device with internet access, a web browser and a screen
Documentation
Quick Start Guide
User’s Guide
Programmer’s Guide
EU Declaration of Conformity
All relevant documentation is available for download from www.picotech.com/downloads
Compatible thermocouples
The TC-08 is compatible with all commonly used thermocouples, offering high accuracy without compromising acquisition speed. Thermocouple types and temperature ranges are
shown in the table below.
Type
Overall range (°C)
0.1 °C resolution
0.025 °C resolution
B
20 to 1820
150 to 1820
600 to 1820
E
−270 to 910
−270 to 910
−260 to 910
J
−210 to 1200
−210 to 1200
−210 to 1200
K
−270 to 1370
−270 to 1370
−250 to 1370
N
−270 to 1300
−260 to 1300
−230 to 1300
R
−50 to 1760
−50 to 1760
20 to 1760
S
−50 to 1760
−50 to 1760
20 to 1760
T
−270 to 400
−270 to 400
−250 to 400
Also measures voltage and current!
The optional TC-08 single-channel terminal board plugs into one channel on the data logger and has a set of screw terminals,
allowing you to connect sensors with voltage or current outputs to the data logger without any need for soldering. The four input
ranges (±50 mV, ±500 mV, ±5 V and 4–20 mA) allow you to measure a wide range of signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com