Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SE030 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # SE030
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE030 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  SE030 Datasheet HTML 1Page - Pico Technology Ltd. SE030 Datasheet HTML 2Page - Pico Technology Ltd. SE030 Datasheet HTML 3Page - Pico Technology Ltd. SE030 Datasheet HTML 4Page - Pico Technology Ltd. SE030 Datasheet HTML 5Page - Pico Technology Ltd. SE030 Datasheet HTML 6Page - Pico Technology Ltd. SE030 Datasheet HTML 7Page - Pico Technology Ltd. SE030 Datasheet HTML 8Page - Pico Technology Ltd. SE030 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cloud-connected 8-channel thermocouple data logger
TC-08
Low cost, high resolution
Measures and records up to eight thermocouples at once
20-bit resolution and high accuracy
Supports all commonly used thermocouple types
Measures from −270 °C to +1820 °C
Built-in cold junction compensation
Up to 10 measurements per second
USB-connected and powered
Run multiple units on a single PC
Free PicoLog 6 Cloud® software
Free PicoLog 6 Cloud account
Free software development kit
Example programs available to download
Free technical support and software updates
Compatible with Windows, macOS, Linux and Raspberry Pi OS
www.picotech.com
®


Similar Part No. - SE030

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
SE030 PICO-SE030 Datasheet
103Kb / 2P
Thermocouples
More results

Similar Description - SE030

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
EL-USB-TC ETC2-EL-USB-TC Datasheet
951Kb / 3P
Thermocouple Data Logger with USB Interface
logo
TT Electronics.
DS6001 TTELEC-DS6001 Datasheet
335Kb / 2P
Single Channel ?쏝utton??Temperature Data Logger
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
List of Unclassifed Man...
WEBDAQ-316 ETC-WEBDAQ-316 Datasheet
3Mb / 7P
Internet Enabled Thermocouple Data Logger
January 2020. Rev 5
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
Cloud Wireless Data Logger
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com