Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B13W1IRP Datasheet(PDF) 5 Page - Harvatek Corporation

Part # B13W1IRP
Description  Top View Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B13W1IRP Datasheet(HTML) 5 Page - Harvatek Corporation

  B13W1IRP Datasheet HTML 1Page - Harvatek Corporation B13W1IRP Datasheet HTML 2Page - Harvatek Corporation B13W1IRP Datasheet HTML 3Page - Harvatek Corporation B13W1IRP Datasheet HTML 4Page - Harvatek Corporation B13W1IRP Datasheet HTML 5Page - Harvatek Corporation B13W1IRP Datasheet HTML 6Page - Harvatek Corporation B13W1IRP Datasheet HTML 7Page - Harvatek Corporation B13W1IRP Datasheet HTML 8Page - Harvatek Corporation B13W1IRP Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Top View Chip LED
B13W1IRP-20C-000154
Official Product
HT Part No. B13W1IRP-20C-000154
Customer Part No.
Data Sheet No.
Tentative Product
****************
****************
-
Specifications are subject to changes for improvement without
advance notice. Proprietary data, drawings, company confidential
all rights reserved.
06/05/2018
Preliminary
Page 5/14
Label Specifications
■Harvatek P/N:
B
13W
1
IRP-
20C-
0001
54
■ Lot No.:
Product
Dice
Current
Taping
PCB
1:Single
20mA
1.
Taping style
2.
Q’ty
Package
Color
Series Number
1.6(L)x0.8(W)x0.66(H) mm
IRP: 850 nm
X001~XZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com