Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B13W1IRP Datasheet(PDF) 9 Page - Harvatek Corporation

Part # B13W1IRP
Description  Top View Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B13W1IRP Datasheet(HTML) 9 Page - Harvatek Corporation

Back Button B13W1IRP Datasheet HTML 5Page - Harvatek Corporation B13W1IRP Datasheet HTML 6Page - Harvatek Corporation B13W1IRP Datasheet HTML 7Page - Harvatek Corporation B13W1IRP Datasheet HTML 8Page - Harvatek Corporation B13W1IRP Datasheet HTML 9Page - Harvatek Corporation B13W1IRP Datasheet HTML 10Page - Harvatek Corporation B13W1IRP Datasheet HTML 11Page - Harvatek Corporation B13W1IRP Datasheet HTML 12Page - Harvatek Corporation B13W1IRP Datasheet HTML 13Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Top View Chip LED
B13W1IRP-20C-000154
Official Product
HT Part No. B13W1IRP-20C-000154
Customer Part No.
Data Sheet No.
Tentative Product
****************
****************
-
Specifications are subject to changes for improvement without
advance notice. Proprietary data, drawings, company confidential
all rights reserved.
06/05/2018
Preliminary
Page 9/14
Precaution for Use
1.
The chips should not be used directly in any type of fluid such as water, oil, organic solvent,
etc.
2.
When the LEDs are illuminating, the maximum ambient temperature should be first
considered before operation.
3.
LEDs must be stored in a clean environment. A sealed container with a nitrogen
atmosphere is necessary if the storage period is over 3 months after shipping.
4.
The LEDs must be used within 4 weeks after unpacked. Unused products must be
repacked in an anti-electrostatic package, folded to close any opening and then stored in a
dry and cool space.
5.
The appearance and specifications of the products may be modified for improvement
without further notice.
6.
The LEDs are sensitive to the static electricity and surge. It is strongly recommended to
use a grounded wrist band and anti-electrostatic glove when handling the LEDs.If a
voltage over the absolute maximum rating is applied to LEDs, it will damage
LEDs.Damaged LEDs will show some abnormal characteristics such as remarkable
increase of leak current, lower turn-on voltage and getting unlit at low current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com