Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B15H2HRRC Datasheet(PDF) 4 Page - Harvatek Corporation

Part # B15H2HRRC
Description  Top View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B15H2HRRC Datasheet(HTML) 4 Page - Harvatek Corporation

  B15H2HRRC Datasheet HTML 1Page - Harvatek Corporation B15H2HRRC Datasheet HTML 2Page - Harvatek Corporation B15H2HRRC Datasheet HTML 3Page - Harvatek Corporation B15H2HRRC Datasheet HTML 4Page - Harvatek Corporation B15H2HRRC Datasheet HTML 5Page - Harvatek Corporation B15H2HRRC Datasheet HTML 6Page - Harvatek Corporation B15H2HRRC Datasheet HTML 7Page - Harvatek Corporation B15H2HRRC Datasheet HTML 8Page - Harvatek Corporation B15H2HRRC Datasheet HTML 9Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Top View Chip LED
B15H2HRRC20C-000213
7
Official Product
HT Part No. B15H2HRRC20C-000213
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
04/24/2018
Preliminary
Page 4/15
Product Specifications
Item
Specification
Material
Quantity
Wavelength
λp
Wp(R):650-665nm
Wp(IR):870-910nm
@20mA/ TS= 25℃
Radiant Intensity
Ie
Ie(R):1.0~2.0 mW/sr
Ie(IR):1.0~3.0 mW/sr
@20mA/ TS= 25℃
Forward Voltage
VF
< 2.4 V
@20mA/ TS= 25℃ ;Tolerance: + 0.1V
Reverse Current
IR
< 10 µA
@ VR = 5 V
Resin
Clear
Epoxy
Carrier tape
EIA 481-1A specs
Conductive black tape
Reel
EIA 481-1A specs
Conductive black
Label
HT standard
Paper
Packing bag
220x240mm
Aluminum laminated bag/ no-zipper
One reel per bag
Carton
HT standard
Paper
Non-specified
Others:
Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same bin
combinations of Iv,
λD and Vf. Each reel has a label identifying its specification; the immediate box consists of a product label
as well.
Note :This is shipped test conditions
※Remarks: This product should be operated in forward bias. If a reverse voltage is continuously applied to the product,
such operation can cause migration resulting in LED damage.
ATTENTION: Electrostatic Discharge (ESD) protection
The symbol to the left denotes that ESD precaution is needed. ESD protection for GaP and AlGaAs based
chips is necessary even though they are relatively safe in the presence of low static-electric discharge. Parts
built with AlInGaP, GaN, or/and InGaN based chips are STATIC SENSITIVE devices. ESD precaution must
be taken during design and assembly.
If manual work or processing is needed, please ensure the device is adequately protected from ESD during the process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com