Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B15H2HRRC Datasheet(PDF) 7 Page - Harvatek Corporation

Part # B15H2HRRC
Description  Top View Chip LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARVATEK [Harvatek Corporation]
Direct Link  https://www.harvatek.com/
Logo HARVATEK - Harvatek Corporation

B15H2HRRC Datasheet(HTML) 7 Page - Harvatek Corporation

Back Button B15H2HRRC Datasheet HTML 3Page - Harvatek Corporation B15H2HRRC Datasheet HTML 4Page - Harvatek Corporation B15H2HRRC Datasheet HTML 5Page - Harvatek Corporation B15H2HRRC Datasheet HTML 6Page - Harvatek Corporation B15H2HRRC Datasheet HTML 7Page - Harvatek Corporation B15H2HRRC Datasheet HTML 8Page - Harvatek Corporation B15H2HRRC Datasheet HTML 9Page - Harvatek Corporation B15H2HRRC Datasheet HTML 10Page - Harvatek Corporation B15H2HRRC Datasheet HTML 11Page - Harvatek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Top View Chip LED
B15H2HRRC20C-000213
7
Official Product
HT Part No. B15H2HRRC20C-000213
Tentative Product
****************
****************
Specifications are subject to changes for improvement without advance
notice. Proprietary data, drawings, company confidential all rights reserved.
04/24/2018
Preliminary
Page 7/15
Notes:
3.
Luminous Intensity (Ie) Bin:
Color
Bin Code
Spec. Range
R
PB
1-2mW/sr
IR
PB
1-2 mW/sr
PC
2-3 mW/sr
4.
Dominant Wavelength (
λP) Bin:
Color
Bin Code
Spec. Range
IR
C
870-910 nm
R
J
650-655 nm
K
655-660 nm
L
660-665 nm
5.
Forward Voltage (VF) Bin:
Color
Bin Code
Spec. Range
IR
R
D5
1.2-1.4 V
D6
1.4-1.6 V
E5
1.6-1.8 V
E6
1.8-2.0 V
F5
2.0-2.2 V
F6
2.2-2.4 V
( It maintains a tolerance of ±0.1V on forward voltage measurements)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com